Electronic Components Datasheet Search
  English  ▼

X  

8548 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 8548
Description  AXL E ETH DI8 DO4 2A M12 6M
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

8548 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  8548 Datasheet HTML 1Page - PHOENIX CONTACT 8548 Datasheet HTML 2Page - PHOENIX CONTACT 8548 Datasheet HTML 3Page - PHOENIX CONTACT 8548 Datasheet HTML 4Page - PHOENIX CONTACT 8548 Datasheet HTML 5Page - PHOENIX CONTACT 8548 Datasheet HTML 6Page - PHOENIX CONTACT 8548 Datasheet HTML 7Page - PHOENIX CONTACT 8548 Datasheet HTML 8Page - PHOENIX CONTACT 8548 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1Description
Axioline E Ethernet device,
metal housing, 8 inputs, 4 outputs,
24 V DC, M12 fast connection technology
AXL E ETH DI8 DO4 2A M12 6M
© PHOENIX CONTACT
Data sheet
The Axioline E device is designed for use within an Ethernet
network (Modbus/TCP).
It is used to acquire and output digital signals.
The device is designed for use in systems manufacturing.
It is suitable for use without a control cabinet under harsh in-
dustrial conditions.
The Axioline E device can be used on tool platforms, directly
on welding robots or in conveying technology, for example.
Ethernet features
–
2 Ethernet ports (with integrated switch)
–
Supported protocols:
SNMP v1, HTTP, TFTP, FTP, BootP, DHCP
–
Specification: Modbus application protocol V1.1b
–Firmware can be updated
–
Integrated web server for web-based management
Axioline E features
–
Connection to Ethernet network (Modbus/TCP)
using M12 connectors (D-coded)
–
Transmission speed of 10 Mbps and 100 Mbps
–
Connection of digital sensors and actuators
to M12 connectors (A-coded)
–
Diagnostic and status indicators
–
Short-circuit and overload protection
of the sensor supply
–
IP65/67 degree of protection
This data sheet is only valid in association with the associated user manual.
Make sure you always use the latest documentation.
It can be downloaded from the product at phoenixcontact.net/products.
By default upon delivery, the process data watchdog is deactivated.
8548_en_03
2016-02-08


Similar Part No. - 8548

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8548 FILTRAN-8548 Datasheet
100Kb / 1P
INDUCTORS Inductors Designed for Nationals 150 KHz SIMPLE SWITCHERTM
logo
TriQuint Semiconductor
854823 TRIQUINT-854823 Datasheet
39Kb / 1P
86.6 MHz Bandpass Filter
854823 TRIQUINT-854823_15 Datasheet
41Kb / 1P
86.6 MHz Bandpass Filter for GSM / DCS / PCS Applications
854833-1 TRIQUINT-854833-1 Datasheet
65Kb / 1P
150 MHz Bandpass Filter
854833-1 TRIQUINT-854833-1_15 Datasheet
68Kb / 1P
150 MHz Bandpass Filter 1.18 MHz Bandwidth
More results

Similar Description - 8548

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
8423 PHOENIX-8423 Datasheet
340Kb / 28P
AXL E EIP DI8 DO4 2A M12 6M
8433 PHOENIX-8433 Datasheet
291Kb / 18P
AXL E PB DI8 DO4 2A M12 6M
8438 PHOENIX-8438 Datasheet
290Kb / 17P
AXL E PB DI8 DO4 2A M12 6P
8444 PHOENIX-8444 Datasheet
302Kb / 18P
AXL E PN DI8 DO4 2A M12 6M
8538 PHOENIX-8538 Datasheet
334Kb / 25P
AXL E EC DI8 DO4 2A M12 6M
8545 PHOENIX-8545 Datasheet
324Kb / 22P
AXL E ETH DI8 DO8 M12 6M
8553 PHOENIX-8553 Datasheet
320Kb / 22P
AXL E ETH DI8 DO4 2A M12 6P
8558 PHOENIX-8558 Datasheet
323Kb / 23P
AXL E S3 DI8 DO4 2A M12 6M
2701518 PHOENIX-2701518 Datasheet
1Mb / 32P
Digital module - AXL E PN DI8 DO4 2A M12 6M
2701535 PHOENIX-2701535 Datasheet
1Mb / 31P
Digital module - AXL E ETH DI8 DO4 2A M12 6P
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com