Electronic Components Datasheet Search
  English  ▼

X  

8548 Datasheet(PDF) 13 Page - PHOENIX CONTACT

Part # 8548
Description  AXL E ETH DI8 DO4 2A M12 6M
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

8548 Datasheet(HTML) 13 Page - PHOENIX CONTACT

Back Button 8548 Datasheet HTML 9Page - PHOENIX CONTACT 8548 Datasheet HTML 10Page - PHOENIX CONTACT 8548 Datasheet HTML 11Page - PHOENIX CONTACT 8548 Datasheet HTML 12Page - PHOENIX CONTACT 8548 Datasheet HTML 13Page - PHOENIX CONTACT 8548 Datasheet HTML 14Page - PHOENIX CONTACT 8548 Datasheet HTML 15Page - PHOENIX CONTACT 8548 Datasheet HTML 16Page - PHOENIX CONTACT 8548 Datasheet HTML 17Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
AXL E ETH DI8 DO4 2A M12 6M
8548_en_03
PHOENIX CONTACT
13
10
Local status and diagnostic indicators
10.1
Indicators for Ethernet ports and power supply
Figure 9
Indicators for Ethernet ports and power supply
Designation
Color
Mean-
ing
State
Description
LNK 1/2
Green
Link
Green ON
Connection present at port 1/2.
OFF
Connection not present at port 1/2.
ACT 1/2
Yellow
Activity
Yellow ON
Data transmission present at port 1/2.
OFF
Data transmission not present at port 1/2.
RDY
Green/
yellow/
red
Ready
Green ON
Device is ready for operation.
Green flashing
Firmware update is being performed.
Flashing
green/yellow
Over- or undervoltage at U
S
Temperature of the device is in the critical area.
Failure of the actuator supply U
A
Surge voltage/undervoltage of the actuator supply U
A
And red US LED: sensor supply overload
Red ON
Rotary encoding switches are set to an invalid/reserved position.
OFF
Device is not ready for operation.
NET
Green/
yellow/
red
Net-
work
status
Green flashing
A connection can be established to the device.
Green ON
At least one connection has been established to the device.
Yellow flashing BootP request or DHCP requests/discover messages are being trans-
mitted.
Yellow ON
The IP configuration/IP address (0.0.0.0) is invalid.
Red flashing
An IP address conflict has occurred during static configuration via rotary
coding switches (IP address assigned twice).
Red ON
A network error has occurred. The monitoring function detected an error
or the process data watchdog was activated.
OFF
Device is not ready for operation.
US
Green/
red
U
Sensorik
Green ON
Communications power/sensor voltage present
OFF
Communications power/sensor voltage not present or too low.
Red ON
Sensor voltage overload
UA
Green
U
Aktorik
ON
Actuator voltage present.
OFF
Actuator voltage not present.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com