Electronic Components Datasheet Search
  English  ▼

X  

8548 Datasheet(PDF) 21 Page - PHOENIX CONTACT

Part # 8548
Description  AXL E ETH DI8 DO4 2A M12 6M
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

8548 Datasheet(HTML) 21 Page - PHOENIX CONTACT

Back Button 8548 Datasheet HTML 14Page - PHOENIX CONTACT 8548 Datasheet HTML 15Page - PHOENIX CONTACT 8548 Datasheet HTML 16Page - PHOENIX CONTACT 8548 Datasheet HTML 17Page - PHOENIX CONTACT 8548 Datasheet HTML 18Page - PHOENIX CONTACT 8548 Datasheet HTML 19Page - PHOENIX CONTACT 8548 Datasheet HTML 20Page - PHOENIX CONTACT 8548 Datasheet HTML 21Page - PHOENIX CONTACT 8548 Datasheet HTML 22Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
AXL E ETH DI8 DO4 2A M12 6M
8548_en_03
PHOENIX CONTACT
21
14
Startup
14.1
Delivery state/default settings
By default upon delivery, the following functions and fea-
tures are available:
IP settings
Process data watchdog
Firmware update
System identification
Web-based Management (WBM)
14.2
Restoring the default settings
There are two options for resetting the default settings:
–
Via web-based management, go to the Administration
web page > default settings and follow the instructions.
–
Via the rotary coding switch, switch position 0F
14.3
Starting the firmware
Once you have connected the power, the firmware is
started.
After completion of the firmware boot process, the NET LED
either lights up or flashes green.
IP parameters:
0.0.0.0
Subnet mask:
0.0.0.0
Default Gateway:
0.0.0.0
BootP:
activated
Fault response mode:
Reset fault mode:
Process data watchdog tim-
eout:
0 (deactivated)
Confirmation mode:
Auto
Firmware update on next
restart:
deactivated
TFTP server IP address:
192.168.210.211
Firmware file name:
FIRMWARE.NXF
Device name:
No name assigned
Description:
No description assigned
Device location:
No location assigned
Contact:
No contact assigned
User name:
admin
Password:
private



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com