Electronic Components Datasheet Search
  English  ▼

X  

8558 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 8558
Description  AXL E S3 DI8 DO4 2A M12 6M
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

8558 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  8558 Datasheet HTML 1Page - PHOENIX CONTACT 8558 Datasheet HTML 2Page - PHOENIX CONTACT 8558 Datasheet HTML 3Page - PHOENIX CONTACT 8558 Datasheet HTML 4Page - PHOENIX CONTACT 8558 Datasheet HTML 5Page - PHOENIX CONTACT 8558 Datasheet HTML 6Page - PHOENIX CONTACT 8558 Datasheet HTML 7Page - PHOENIX CONTACT 8558 Datasheet HTML 8Page - PHOENIX CONTACT 8558 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
AXL E S3 DI8 DO4 2A M12 6M
8558_en_04
PHOENIX CONTACT
4
Dimensions (nominal sizes in mm)
Width
60 mm
Height
185 mm
Depth
38 mm
Note on dimensions
The height is 194.5 mm including the mounting plate. With fixing clips pulled out,
the height is 212 mm. The depth is 38 mm including the mounting plate (30.5 mm
without the mounting plate).
General data
Housing material
Zinc die-cast
Weight
750 g
Ambient temperature (operation)
-25 °C ... 60 °C
CAUTION: Risk of burns
If the device is used at an ambient temperature above 50°C, the contact temperature of metal surfaces may exceed 70°C.
Ambient temperature (storage/transport)
-25 °C ... 85 °C
Permissible humidity (operation)
5 % ... 95 %
Permissible humidity (storage/transport)
5 % ... 95 %
Air pressure (operation)
70 kPa ... 106 kPa (up to 3000 m above sea level)
Air pressure (storage/transport)
70 kPa ... 106 kPa (up to 3000 m above sea level)
Degree of protection
IP65/IP67
Protection class
III, IEC 61140, EN 61140, VDE 0140-1
Connection data
Connection method
M12 connector
Interface Sercos
Number
2
Connection method
M12 connectors, D-coded
Designation connection point
Copper cable
Number of positions
4
Transmission speed
100 MBit/s (with auto negotiation)
4
Technical data
194,5
185



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com