Electronic Components Datasheet Search
  English  ▼

X  

8558 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 8558
Description  AXL E S3 DI8 DO4 2A M12 6M
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

8558 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  8558 Datasheet HTML 1Page - PHOENIX CONTACT 8558 Datasheet HTML 2Page - PHOENIX CONTACT 8558 Datasheet HTML 3Page - PHOENIX CONTACT 8558 Datasheet HTML 4Page - PHOENIX CONTACT 8558 Datasheet HTML 5Page - PHOENIX CONTACT 8558 Datasheet HTML 6Page - PHOENIX CONTACT 8558 Datasheet HTML 7Page - PHOENIX CONTACT 8558 Datasheet HTML 8Page - PHOENIX CONTACT 8558 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
1Description
Axioline E Sercos device, metal housing,
8 inputs, 4 outputs, 24 V DC,
M12 fast connection technology
AXL E S3 DI8 DO4 2A M12 6M
© PHOENIX CONTACT
Data sheet
The Axioline E device is designed for use within a Sercos
®
network.
It is used to acquire and output digital signals.
The device is designed for use in systems manufacturing.
It is suitable for use without a control cabinet under harsh in-
dustrial conditions.
The Axioline E device can be used on tool platforms, directly
on welding robots or in conveying technology, for example.
Sercos features
–
Connection to Sercos network
using M12 connectors (D-coded)
–
Transmission speed 100 Mbps
–
Minimum cycle time of 250 µs
–
2 Ethernet ports (with integrated switch)
–
Sercos communication profiles:
SCP_FixCFG_02hex, SCP_Diag, SCP_NRTPC,
SCP_WDCon, SCP_Sync_02hex, SCP_SIP,
SCP_TFTP, SPC_Cyc
–
Device description by means of SDDml
–Firmware can be updated
–
Integrated web server for web-based management
General features
–
Connection of digital sensors and actuators
to M12 connectors (A-coded)
–
Diagnostic and status indicators
–
Short-circuit and overload protection
of the sensor supply
–
IP65/67 degree of protection
This data sheet is only valid in association with the associated user manual.
Make sure you always use the latest documentation.
It can be downloaded from the product at phoenixcontact.net/products.
8558_en_04
2015-09-17


Similar Part No. - 8558

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8558 ETC2-8558 Datasheet
310Kb / 1P
PHENOLIC INSTRUMENT CASES
logo
Keystone Electronics Co...
8558 KEYSTONE-8558 Datasheet
316Kb / 1P
INSTRUMENTATION CASES & KNOBS
31-07 20th
logo
TriQuint Semiconductor
855810 TRIQUINT-855810_15 Datasheet
532Kb / 5P
942.5 MHz SAW Filter
855816 TRIQUINT-855816 Datasheet
610Kb / 6P
205 MHz SAW Filter
855816-EVB TRIQUINT-855816-EVB Datasheet
610Kb / 6P
205 MHz SAW Filter
More results

Similar Description - 8558

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
8423 PHOENIX-8423 Datasheet
340Kb / 28P
AXL E EIP DI8 DO4 2A M12 6M
8433 PHOENIX-8433 Datasheet
291Kb / 18P
AXL E PB DI8 DO4 2A M12 6M
8438 PHOENIX-8438 Datasheet
290Kb / 17P
AXL E PB DI8 DO4 2A M12 6P
8444 PHOENIX-8444 Datasheet
302Kb / 18P
AXL E PN DI8 DO4 2A M12 6M
8538 PHOENIX-8538 Datasheet
334Kb / 25P
AXL E EC DI8 DO4 2A M12 6M
8548 PHOENIX-8548 Datasheet
321Kb / 22P
AXL E ETH DI8 DO4 2A M12 6M
8555 PHOENIX-8555 Datasheet
325Kb / 23P
AXL E S3 DI8 DO8 M12 6M
8563 PHOENIX-8563 Datasheet
322Kb / 23P
AXL E S3 DI8 DO4 2A M12 6P
2701518 PHOENIX-2701518 Datasheet
1Mb / 32P
Digital module - AXL E PN DI8 DO4 2A M12 6M
2701546 PHOENIX-2701546 Datasheet
1Mb / 31P
Digital module - AXL E S3 DI8 DO4 2A M12 6P
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com