Electronic Components Datasheet Search
  English  ▼

X  

8558 Datasheet(PDF) 19 Page - PHOENIX CONTACT

Part # 8558
Description  AXL E S3 DI8 DO4 2A M12 6M
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

8558 Datasheet(HTML) 19 Page - PHOENIX CONTACT

Back Button 8558 Datasheet HTML 15Page - PHOENIX CONTACT 8558 Datasheet HTML 16Page - PHOENIX CONTACT 8558 Datasheet HTML 17Page - PHOENIX CONTACT 8558 Datasheet HTML 18Page - PHOENIX CONTACT 8558 Datasheet HTML 19Page - PHOENIX CONTACT 8558 Datasheet HTML 20Page - PHOENIX CONTACT 8558 Datasheet HTML 21Page - PHOENIX CONTACT 8558 Datasheet HTML 22Page - PHOENIX CONTACT 8558 Datasheet HTML 23Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
AXL E S3 DI8 DO4 2A M12 6M
8558_en_04
PHOENIX CONTACT
19
14
Password (IDN S-0-00267)
In the default setting some parameters of the device are
write-protected with a password. If you try to change pass-
word-protected parameters without lifting the write protec-
tion, error 7009
hex is output via the service channel (opera-
tion data is password write-protected).
The password can be changed and the write protection can
be activated or deactivated via IDN S-0-0267. Passwords
can only comprise UTF8 characters without spaces and are
stored retentively.
The default password is PW170875.
The list of password-protected parameters can be found in
IDN S-0-0279.
The following IDNs are password protected:
14.1
Change password
To change the password, the currently active password, the
new password, and, for confirmation, the new password
again must be sent to the device, each separated by a
space. Changing the password automatically activates write
protection for all password-protected parameters.
14.2
Activate write protection
There are three methods for activating password-protected
write protection:
–
Switch the power supply off and back on. Once the de-
vice is restarted, write protection is activated.
–
Overwrite the password parameter with something oth-
er than the password.
–
Change the existing password.
14.3
Deactivate write protection
The write protection is deactivated by overwriting the pass-
word parameter with the current password.
15
IP address assignment
The IP address is changed via the following IDNs:
The IP address can be changed via the Sercos parameter
S-0-1020.
The subnet mask can be changed via parameter
S-0-1021 and the gateway address via parameter S-0-1022.
The IDN S-0-1048 is used to activate the IP address via
Sercos.
16
Monitoring connection (connection
setup, IDN S-0-1050.x.1)
The following connection monitoring mechanisms are sup-
ported (bit 0 and bit 1 of IDN S-0-1050.x.1):
–
Producer cycle, synchronous operation (00
bin)
–
Asynchronous operation without watchdog (10
bin)
17
Electronic rating plate
(IDNs S-0-1300.x.y)
The electronic rating plate comprises the
IDNs S-0-1300.x.y. See the table in the “Sercos parameter”
section.
IDN
Description
S-0-1020
IP address
S-0-1021
Subnet mask
S-0-1022
Gateway address
If the password is read via the service chan-
nel, the device will send the password as a
string with 3 “*” characters (UTF8 code 0x2A)
if the write protection is activated or as a string
with 3 “$” characters (UTF8-Code 0x24) if the
write protection is deactivated and not as
plain text.
IDN
Description
S-0-1020
IP address
S-0-1021
Subnet mask
S-0-1022
Gateway address
S-0-1048
Procedure Command -
activation of the IP parameters
All parameters are password-protected. For
further information, please refer to the “Pass-
word” section.
The modified IP address parameters are not
stored retentively on the device. In the case of
a voltage reset, these parameters need to be
re-transmitted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com