Electronic Components Datasheet Search
  English  ▼

X  

DSH01 Datasheet(PDF) 5 Page - TEMEX

Part # DSH01
Description  Pulse compression RADAR RF pulse expander FMCW RADAR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

DSH01 Datasheet(HTML) 5 Page - TEMEX

  DSH01 Datasheet HTML 1Page - TEMEX DSH01 Datasheet HTML 2Page - TEMEX DSH01 Datasheet HTML 3Page - TEMEX DSH01 Datasheet HTML 4Page - TEMEX DSH01 Datasheet HTML 5Page - TEMEX DSH01 Datasheet HTML 6Page - TEMEX DSH01 Datasheet HTML 7Page - TEMEX DSH01 Datasheet HTML 8Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
DIGITAL SYNTHESIZER MODULE | SYSTEM SOLUTIONS
Issue: A0, 24 Sep 2018
Copyright © 2018 Rakon Limited. All rights reserved
Specifications subject to change without notice
Page 5 of 8
www.rakon.com
Specific requests can be emailed to Rakon: hirel@rakon.com
1.
Environmental Conditions1
Parameter
Condition / Remarks
Min.
Typ.
Max.
Unit
Temperature operating
-25
+70
°C
Temperature storage
-40
+85
°C
Humidity operating
@ 30 °C, (non-condensing)
95
% RH
Shock
11 ms, 3 axes, 2 dir, half sine pulse
30
g
Random Vibration
20 to 500 Hz, 3 axes
0.1
g2/Hz
EMI - EMC
In accordance with MIL-STD 461 F
2.
Electrical Interface
Parameter
Condition / Remarks
Min.
Typ.
Max.
Unit
Supply voltage
11
16
V
Supply current
@ Power supply = 15 V
1300
mA
RF IN signal
Type
Maximum input level
Impedance
Single
10
1.3 : 1
dBm
VSWR
RF OUT signal
Type
Output level
Impedance
Single
0
1.3 : 1
dBm
VSWR
User input
Type
Impedance
RS422 / TTL
120
Ω
User output type
RS422 / TTL
Bite output type
Open drain / Dry Contact
3.
Electrical Characteristics
Parameter
Condition / Remarks
Min.
Typ.
Max.
Unit
IQ output BW
0.1
500
MHz
IQ modulator output BW
With internal Modulator clock
3000
4000
MHz
DAC clock input frequency
1500
2000
MHz
Modulator clock input frequency
3200
3800
MHz
Frequency tuning resolution
7.1
µHz
Wideband SFDR @ IQ output
70
dBc
Wideband SFDR @ IQ modulator output
40
dBc
Phase accuracy
1
mrad
1 Procedures and conditions refer to MIL-STD-810G



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com