Electronic Components Datasheet Search
  English  ▼

X  

2N6487 Datasheet(PDF) 6 Page - ON Semiconductor

Part # 2N6487
Description  Complementary Silicon Plastic Power Transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N6487 Datasheet(HTML) 6 Page - ON Semiconductor

  2N6487 Datasheet HTML 1Page - ON Semiconductor 2N6487 Datasheet HTML 2Page - ON Semiconductor 2N6487 Datasheet HTML 3Page - ON Semiconductor 2N6487 Datasheet HTML 4Page - ON Semiconductor 2N6487 Datasheet HTML 5Page - ON Semiconductor 2N6487 Datasheet HTML 6Page - ON Semiconductor 2N6487 Datasheet HTML 7Page - ON Semiconductor 2N6487 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
2N6487 2N6488 2N6490 2N6491
http://onsemi.com
6
500
Figure 8. DC Current Gain
IC, COLLECTOR CURRENT (AMP)
0.5
0.2
10
1.0
2.0
100
50
TJ = 150°C
25°C
-55°C
200
20
20
NPN
2N6487, 2N6488
PNP
2N6490, 2N6491
IC, COLLECTOR CURRENT (AMP)
TJ = 150°C
25°C
-55°C
5.0
VCE = 2.0 V
VCE = 2.0 V
10
5.0
0.5
0.2
10
1.0
2.0
20
5.0
500
100
50
200
20
5.0
10
5.0
100
IC = 1.0 A
TJ = 25°C
10
4.0 A
8.0 A
20
50
2000
1000
200 500
Figure 9. Collector Saturation Region
2.0
IB, BASE CURRENT (mA)
5.0
100
5000
1.8
1.6
1.4
1.2
IC = 1.0 A
TJ = 25°C
0
10
4.0 A
8.0 A
20
50
1.0
0.2
0.6
0.8
0.4
2000
1000
200 500
5000
2.0
1.8
1.6
1.4
1.2
0
1.0
0.2
0.6
0.8
0.4
IB, BASE CURRENT (mA)
VCE(sat) @ IC/IB = 10
TJ = 25°C
VBE @ VCE = 2.0 V
2.8
1.6
1.2
2.4
0
0.8
0.4
0.2
0.5
2.0
20
10
1.0
5.0
VBE(sat) @ IC/IB = 10
2.0
IC, COLLECTOR CURRENT (AMP)
Figure 10. “On” Voltages
IC, COLLECTOR CURRENT (AMP)
VCE(sat) @ IC/IB = 10
TJ = 25°C
VBE @ VCE = 2.0 V
2.8
1.6
1.2
2.4
0
0.8
0.4
0.2
0.5
2.0
20
10
1.0
5.0
VBE(sat) = IC/IB = 10
2.0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com