Electronic Components Datasheet Search
  English  ▼

X  

2N6487 Datasheet(PDF) 1 Page - ON Semiconductor

Part # 2N6487
Description  Complementary Silicon Plastic Power Transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N6487 Datasheet(HTML) 1 Page - ON Semiconductor

  2N6487 Datasheet HTML 1Page - ON Semiconductor 2N6487 Datasheet HTML 2Page - ON Semiconductor 2N6487 Datasheet HTML 3Page - ON Semiconductor 2N6487 Datasheet HTML 4Page - ON Semiconductor 2N6487 Datasheet HTML 5Page - ON Semiconductor 2N6487 Datasheet HTML 6Page - ON Semiconductor 2N6487 Datasheet HTML 7Page - ON Semiconductor 2N6487 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Complementary Silicon Plastic
Power Transistors
. . . designed for use in general–purpose amplifier and switching
applications.
• DC Current Gain Specified to 15 Amperes —
hFE = 20–150 @ IC = 5.0 Adc
= 5.0 (Min) @ IC = 15 Adc
• Collector–Emitter Sustaining Voltage —
VCEO(sus) = 60 Vdc (Min) – 2N6487, 2N6490
= 80 Vdc (Min) – 2N6488, 2N6491
• High Current Gain — Bandwidth Product
fT = 5.0 MHz (Min) @ IC = 1.0 Adc
• TO–220AB Compact Package
MAXIMUM RATINGS (1)
Rating
Symbol
2N6487
2N6490
2N6488
2N6491
Unit
Collector–Emitter Voltage
VCEO
60
80
Vdc
Collector–Base Voltage
VCB
70
90
Vdc
Emitter–Base Voltage
VEB
5.0
Vdc
Collector Current — Continuous
IC
15
Adc
Base Current
IB
5.0
Adc
Total Power Dissipation @ TC = 25_C
Derate above 25
_C
PD
75
0.6
Watts
W/
_C
Total Power Dissipation @ TA = 25_C
Derate above 25
_C
PD
1.8
0.014
Watts
W/
_C
Operating and Storage Junction
Temperature Range
TJ, Tstg
–65 to +150
_C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Case
R
θJC
1.67
_C/W
Thermal Resistance, Junction to Ambient
R
θJA
70
_C/W
(1) Indicates JEDEC Registered Data.
Preferred devices are ON Semiconductor recommended choices for future use and best overall value.
ON Semiconductor)
© Semiconductor Components Industries, LLC, 2002
April, 2002 – Rev. 10
1
Publication Order Number:
2N6487/D
2N6487
2N6488
2N6490
2N6491
*ON Semiconductor Preferred Device
15 AMPERE
COMPLEMENTARY
SILICON
POWER TRANSISTORS
60–80 VOLTS
75 WATTS
*
*
CASE 221A–09
TO–220AB
NPN
PNP
STYLE 1:
PIN 1. BASE
2. COLLECTOR
3. EMITTER
4. COLLECTOR
1
2
3
4


Similar Part No. - 2N6487

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N6487 MOSPEC-2N6487 Datasheet
190Kb / 4P
POWER TRANSISTORS(15A,75W)
logo
ON Semiconductor
2N6487 ONSEMI-2N6487 Datasheet
151Kb / 6P
COMPLEMENTARY SILICON POWER TRANSISTORS
April, 2002 ??Rev. 10
logo
STMicroelectronics
2N6487 STMICROELECTRONICS-2N6487 Datasheet
52Kb / 4P
COMPLEMENTARY SILICON POWER TRANSISTORS
Apr-1999
logo
Boca Semiconductor Corp...
2N6487 BOCA-2N6487 Datasheet
26Kb / 2P
NPN/PNP PLASTIC POWER TRANSISTORS
logo
Central Semiconductor C...
2N6487 CENTRAL-2N6487 Datasheet
71Kb / 1P
NPN SILICON TRANSISTOR
More results

Similar Description - 2N6487

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BD243B MOTOROLA-BD243B Datasheet
140Kb / 6P
Complementary Silicon Plastic Power Transistors
BD787 MOTOROLA-BD787 Datasheet
148Kb / 6P
Complementary Plastic Silicon Power Transistors
logo
New Jersey Semi-Conduct...
2N6107 NJSEMI-2N6107 Datasheet
297Kb / 3P
COMPLEMENTARY SILICON PLASTIC POWER TRANSISTORS
logo
ON Semiconductor
TIP29 ONSEMI-TIP29 Datasheet
143Kb / 5P
Complementary Silicon Plastic Power Transistors
October, 2011 ??Rev. 11
2N6109G ONSEMI-2N6109G Datasheet
117Kb / 5P
Complementary Silicon Plastic Power Transistors
October, 2011 ??Rev. 9
2N6487 ONSEMI-2N6487_14 Datasheet
104Kb / 6P
Complementary Silicon Plastic Power Transistors
November, 2014 ??Rev. 16
MJB6488 ONSEMI-MJB6488 Datasheet
68Kb / 6P
Complementary Silicon Plastic Power Transistors
July, 2004 ??Rev. P0
BD243B ONSEMI-BD243B_14 Datasheet
103Kb / 6P
Complementary Silicon Plastic Power Transistors
November, 2014 ??Rev. 15
MJE200G ONSEMI-MJE200G Datasheet
170Kb / 6P
Complementary Silicon Power Plastic Transistors
December, 2013 ??Rev. 15
logo
New Jersey Semi-Conduct...
MJE15032 NJSEMI-MJE15032 Datasheet
133Kb / 2P
Complementary Silicon Plastic Power Transistors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com