Electronic Components Datasheet Search
  English  ▼

X  

2N6487 Datasheet(PDF) 4 Page - ON Semiconductor

Part # 2N6487
Description  Complementary Silicon Plastic Power Transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N6487 Datasheet(HTML) 4 Page - ON Semiconductor

  2N6487 Datasheet HTML 1Page - ON Semiconductor 2N6487 Datasheet HTML 2Page - ON Semiconductor 2N6487 Datasheet HTML 3Page - ON Semiconductor 2N6487 Datasheet HTML 4Page - ON Semiconductor 2N6487 Datasheet HTML 5Page - ON Semiconductor 2N6487 Datasheet HTML 6Page - ON Semiconductor 2N6487 Datasheet HTML 7Page - ON Semiconductor 2N6487 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2N6487 2N6488 2N6490 2N6491
http://onsemi.com
4
Figure 2. Switching Time Test Circuit
1000
Figure 3. Turn–On Time
IC, COLLECTOR CURRENT (AMP)
500
50
20
0.2
20
TC = 25°C
VCC = 30 V
IC/IB = 10
10
1.0
5.0
tr
0.5
2.0
10
200
100
td @ VBE(off) [ 5.0 V
NPN
PNP
+ 10 V
0
SCOPE
RB
- 4 V
tr, tf v 10 ns
DUTY CYCLE = 1.0%
RC
D1 MUST BE FAST RECOVERY TYPE, e.g.:
1N5825 USED ABOVE IB [ 100 mA
MSD6100 USED BELOW IB [ 100 mA
25 µs
- 10 V
D1
51
RB AND RC VARIED TO OBTAIN DESIRED CURRENT LEVELS.
FOR PNP, REVERSE ALL POLARITIES.
VCC
+ 30 V
Figure 4. Thermal Response
t, TIME (ms)
1.0
0.01
0.01
0.7
0.5
0.3
0.2
0.1
0.07
0.05
0.03
0.02
0.02
0.05
0.1
0.2
0.5
1.0
2.0
5.0
10
20
50
100
200
1.0 k
500
ZθJC (t) = r(t) RθJC
RθJC = 1.67°C/W MAX
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) - TC = P(pk) ZθJC(t)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
D = 0.5
0.2
0.05
0.02
0.01
SINGLE PULSE
0.1
SECOND BREAKDOWN LIMITED
BONDING WIRE LIMITED
THERMALLY LIMITED @ TC = 25°C
20
Figure 5. Active–Region Safe Operating Area
2.0
10
20
80
TJ = 150°C
0.2
5.0
0.5
VCE, COLLECTOR-EMITTER VOLTAGE (VOLTS)
10
40
1.0
0.1
dc
2.0
60
4.0
2N6487, 2N6490
2N6488, 2N6491
CURVES APPLY BELOW RATED VCEO
5.0 ms
1.0 ms
500 µs
100 µs
There are two limitations on the power handling ability of
a transistors average junction temperature and second
breakdown. Safe operating area curves indicate IC – VCE
limits of the transistor that must be observed for reliable
operation; i.e., the transistor must not be subjected to greater
dissipation than the curves indicate.
The data of Figure 5 is based on TJ(pk) = 150_C; TC is
variable depending on conditions. Second breakdown pulse
limits are valid for duty cycles to 10% provided TJ(pk)
v 150_C. TJ(pk) may be calculated from the data in
Figure 4. At high case temperatures, thermal limitations will
reduce the power that can be handled to values less than the
limitations imposed by second breakdown



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com