Electronic Components Datasheet Search
  English  ▼

X  

MM74HC574WM Datasheet(PDF) 4 Page - ON Semiconductor

Part # MM74HC574WM
Description  3-State Octal D-Type Edge-Triggered Flip-Flop
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MM74HC574WM Datasheet(HTML) 4 Page - ON Semiconductor

  MM74HC574WM Datasheet HTML 1Page - ON Semiconductor MM74HC574WM Datasheet HTML 2Page - ON Semiconductor MM74HC574WM Datasheet HTML 3Page - ON Semiconductor MM74HC574WM Datasheet HTML 4Page - ON Semiconductor MM74HC574WM Datasheet HTML 5Page - ON Semiconductor MM74HC574WM Datasheet HTML 6Page - ON Semiconductor MM74HC574WM Datasheet HTML 7Page - ON Semiconductor MM74HC574WM Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MM74HC574
www.onsemi.com
4
AC ELECTRICAL CHARACTERISTICS (VCC = 2.0 − 6.0 V, CL = 50 pF, tr = tf = 6 ns unless otherwise specified)
Symbol
Parameter
Conditions
VCC
TA = 255C
TA = −40 to 855C TA = −55 to 1255C
Units
Typ
Guaranteed Limits
fMAX
Maximum Operating
Frequency
CL = 50 pF
2.0 V
4.5 V
6.0 V
33
30
35
28
24
28
23
20
23
MHz
tPHL, tPLH
Maximum
Propagation Delay,
Clock to Q
CL = 50 pF
CL = 150 pF
2.0 V
2.0 V
18
51
30
155
38
194
45
233
ns
CL = 50 pF
CL = 150 pF
4.5 V
4.5 V
13
19
23
31
29
47
35
47
ns
CL = 50 pF
CL = 150 pF
6.0 V
6.0 V
12
18
20
27
25
34
30
41
ns
tPZH, tPZL
Maximum Output
Enable Time
RL = 1 kW
CL = 50 pF
CL = 150 pF
2.0 V
2.0 V
22
59
30
180
38
225
45
270
ns
CL = 50 pF
CL = 150 pF
4.5 V
4.5 V
14
20
28
36
35
45
42
54
ns
CL = 50 pF
CL = 150 pF
6.0 V
6.0 V
12
18
24
31
30
39
36
47
ns
tPHZ, tPLZ
Maximum Output
Disable Time
RL = 1 kW
CL = 50 pF
2.0 V
4.5 V
6.0 V
15
12
10
30
25
21
38
31
27
45
38
32
ns
tS
Minimum Setup
Time Data to Clock
2.0 V
4.5 V
6.0 V
6
12
20
17
15
25
21
18
30
25
ns
tH
Minimum Hold Time
Clock to Data
2.0 V
4.5 V
6.0 V
−1
5
0
0
6
0
0
8
0
0
ns
tTHL, tTLH
Maximum Output
Rise and Fall Time
CL = 50 pF
2.0 V
4.5 V
6.0 V
6
7
6
12
12
10
15
15
13
18
18
15
ns
tW
Minimum Clock
Pulse Width
2.0 V
4.5 V
6.0 V
30
9
8
15
16
14
20
20
18
24
24
20
ns
tr, tf
Maximum Clock
Input Rise and Fall
Time
2.0 V
4.5 V
6.0 V
1000
500
400
1000
500
400
1000
500
400
ns
CPD
OC = VCC
OC = GND
5
58
pF
CIN
Maximum Input Ca-
pacitance
5
10
10
10
pF
COUT
Maximum Output
Capacitance
15
20
20
20
pF
4. CPD determines the no load dynamic power consumption, PD = CPD VCC2 f + ICC VCC, and the no load dynamic current consumption, IS
= CPD VCC f + ICC.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com