Electronic Components Datasheet Search
  English  ▼

X  

MM74HC574WM Datasheet(PDF) 3 Page - ON Semiconductor

Part # MM74HC574WM
Description  3-State Octal D-Type Edge-Triggered Flip-Flop
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MM74HC574WM Datasheet(HTML) 3 Page - ON Semiconductor

  MM74HC574WM Datasheet HTML 1Page - ON Semiconductor MM74HC574WM Datasheet HTML 2Page - ON Semiconductor MM74HC574WM Datasheet HTML 3Page - ON Semiconductor MM74HC574WM Datasheet HTML 4Page - ON Semiconductor MM74HC574WM Datasheet HTML 5Page - ON Semiconductor MM74HC574WM Datasheet HTML 6Page - ON Semiconductor MM74HC574WM Datasheet HTML 7Page - ON Semiconductor MM74HC574WM Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MM74HC574
www.onsemi.com
3
DC ELECTRICAL CHARACTERISTICS (Note 3)
Symbol
Parameter
Conditions
VCC
TA = 255C
TA = −40 to 855C TA = −55 to 1255C
Units
Typ
Guaranteed Limits
VIH
Minimum HIGH Lev-
el Input Voltage
2.0 V
4.5 V
6.0 V
1.5
3.15
4.2
1.5
3.15
4.2
1.5
3.15
4.2
V
VIL
Maximum LOW Lev-
el Input Voltage
2.0 V
4.5 V
6.0 V
0.5
1.35
1.8
0.5
1.35
1.8
0.5
1.35
1.8
V
VOH
Minimum HIGH Lev-
el Output Voltage
VIN = VIH or VIL
⎮IOUT⎜ ≤ 20 mA
2.0 V
4.5 V
6.0 V
2.0
4.5
6.0
1.9
4.4
5.9
1.9
4.4
5.9
1.9
4.4
5.9
V
VIN = VIH or VIL
⎮IOUT⎜ ≤ 6.0 mA
⎮IOUT⎜ ≤ 7.8 mA
4.5 V
6.0 V
4.2
5.7
3.98
5.48
3.84
5.34
3.7
5.2
V
VOL
Maximum LOW Lev-
el Output Voltage
VIN = VIH or VIL
⎮IOUT⎜ ≤ 20 mA
2.0 V
4.5 V
6.0 V
0
0
0
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
V
VIN = VIH or VIL
⎮IOUT⎜ ≤ 6.0 mA
⎮IOUT⎜ ≤ 7.8 mA
4.5 V
6.0 V
0.2
0.2
0.26
0.26
0.33
0.33
0.4
0.4
V
IIN
Maximum Input Cur-
rent
VIN = VCC or GND
6.0 V
±0.1
±1.0
±1.0
mA
IOZ
Maximum 3−STATE
Output Leakage
Current
VOUT = VCC or GND
OC = VIH
6.0 V
±0.5
±5.0
±10
mA
ICC
Maximum Quiescent
Supply Current
VIN = VCC or GND
IOUT = 0 mA
6.0 V
8.0
80
160
mA
DICC
Quiescent Supply
Current per Input
Pin
VCC = 5.5 V
VIN = 2.4 V
or 0.4 V (Note 3)
OE
1.0
1.5
1.8
2.0
mA
CLK
0.6
0.8
1.0
1.1
DATA
0.4
0.5
0.6
0.7
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
3. For a power supply of 5 V
±10% the worst−case output voltages (VOH, and VOL) occur for HC at 4.5 V. Thus the 4.5 V values should be used
when designing with this supply. Worst−case VIH and VIL occur at VCC = 5.5 V and 4.5 V respectively. (The VIH value at 5.5 V is 3.85 V.)
The worst−case leakage current (IIN, ICC, and IOZ) occur for CMOS at the higher voltage and so the 6.0 V values should be used.
AC ELECTRICAL CHARACTERISTICS (VCC = 5 V, TA = 25°C, tr = tf = 6 ns)
Symbol
Parameter
Conditions
Typ
Guaranteed Limit
Units
fMAX
Maximum Operating Frequency
60
33
MHz
tPHL, tPLH
Maximum Propagation Delay, Clock to Q
CL = 45 pF
17
27
ns
tPZH, tPZL
Maximum Output Enable Time
RL = 1 kW, CL = 45 pF
19
28
ns
tPHZ, tPLZ
Maximum Output Disable Time
RL = 1 kW, CL = 5 pF
14
25
ns
tS
Minimum Setup Time, Data to Clock
10
12
ns
tH
Minimum Hold Time, Clock to Data
−3
5
ns
tW
Minimum Pulse Clock Width
8
15
ns



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com