Electronic Components Datasheet Search
  English  ▼

X  

MM74HC574WM Datasheet(PDF) 1 Page - ON Semiconductor

Part # MM74HC574WM
Description  3-State Octal D-Type Edge-Triggered Flip-Flop
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MM74HC574WM Datasheet(HTML) 1 Page - ON Semiconductor

  MM74HC574WM Datasheet HTML 1Page - ON Semiconductor MM74HC574WM Datasheet HTML 2Page - ON Semiconductor MM74HC574WM Datasheet HTML 3Page - ON Semiconductor MM74HC574WM Datasheet HTML 4Page - ON Semiconductor MM74HC574WM Datasheet HTML 5Page - ON Semiconductor MM74HC574WM Datasheet HTML 6Page - ON Semiconductor MM74HC574WM Datasheet HTML 7Page - ON Semiconductor MM74HC574WM Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 1983
November, 2017 − Rev. 2
1
Publication Order Number:
MM74HC574/D
MM74HC574
3-State Octal D-Type
Edge-Triggered Flip-Flop
The MM74HC574 high speed octal D−type flip−flops utilize
advanced silicon−gate P−well CMOS technology. They possess the
high noise immunity and low power consumption of standard CMOS
integrated circuits, as well as the ability to drive 15 LS−TTL loads.
Due to the large output drive capability and the 3−STATE feature,
these devices are ideally suited for interfacing with bus lines in a bus
organized system.
These devices are positive edge triggered flip−flops. Data at the D
inputs, meeting the set−up and hold time requirements, are transferred
to the Q outputs on positive going transitions of the CLOCK (CK)
input. When a high logic level is applied to the OUTPUT CONTROL
(OC) input, all outputs go to a high impedance state, regardless of
what signals are present at the other inputs and the state of the storage
elements.
The 74HC logic family is speed, function, and pinout compatible with
the standard 74LS logic family. All inputs are protected from damage
due to static discharge by internal diode clamps to VCC and ground.
Features
• Typical Propagation Delay: 18 ns
• Wide Operating Voltage Range: 2 V – 6 V
• Low Input Current: 1 mA Maximum
• Low Quiescent Current: 80 mA Maximum
• Compatible with Bus−oriented Systems
• Output Drive Capability: 15 LS−TTL Loads
MAXIMUM RATINGS (Note 1)
Rating
Symbol
Value
Unit
Supply Voltage
VCC
−0.5 to +
7.0 V
V
DC Input Voltage
VIN
−1.5 to VCC
+ 1.5 V
V
DC Output Voltage
VOUT
−0.5 to VCC
+ 0.5 V
V
Clamp Diode Current
IIK, IOK
±20
mA
DC Output Current, per pin
IOUT
±35
mA
DC VCC or GND Current, per pin
ICC
±70
mA
Storage Temperature Range
TSTG
−65 to
+150
°C
Power Dissipation (Note 2)
S.O. Package only
PD
600
500
mW
Lead Temperature (Soldering 10 s)
TL
260
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
1. Unless otherwise specified all voltages are referenced to ground.
2. Power Dissipation temperature derating — plastic “N” package: −
12 mW/
°C from 65°C to 85°C.
www.onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION
TSSOP20
MTC SUFFIX
CASE 948AQ
SOP20
SJ SUFFIX
CASE 565BG
PDIP20
N SUFFIX
CASE 646AC
SOIC20
WM SUFFIX
CASE 751BJ


Similar Part No. - MM74HC574WM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74HC574WM FAIRCHILD-MM74HC574WM Datasheet
90Kb / 8P
3-STATE Octal D-Type Edge-Triggered Flip-Flop
MM74HC574WM FAIRCHILD-MM74HC574WM Datasheet
105Kb / 8P
3-STATE Octal D-Type Edge-Triggered Flip-Flop
More results

Similar Description - MM74HC574WM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AC11374 TI-74AC11374 Datasheet
116Kb / 7P
OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOP WITH 3-STATE OUTPUTS
SN74F574 TI-SN74F574 Datasheet
69Kb / 5P
OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
DM74ALS374 FAIRCHILD-DM74ALS374 Datasheet
72Kb / 7P
Octal 3-STATE D-Type Edge-Triggered Flip-Flop
MM74HC574 FAIRCHILD-MM74HC574 Datasheet
90Kb / 8P
3-STATE Octal D-Type Edge-Triggered Flip-Flop
logo
Texas Instruments
SN74LV374AT TI1-SN74LV374AT Datasheet
874Kb / 21P
OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LV374A-EP TI1-SN74LV374A-EP Datasheet
446Kb / 10P
OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LV374A-Q1 TI1-SN74LV374A-Q1 Datasheet
199Kb / 11P
OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN64BCT374 TI1-SN64BCT374 Datasheet
77Kb / 4P
OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
MM74HC574SJX FAIRCHILD-MM74HC574SJX Datasheet
105Kb / 8P
3-STATE Octal D-Type Edge-Triggered Flip-Flop
logo
Texas Instruments
74ACT11374 TI1-74ACT11374_15 Datasheet
855Kb / 18P
OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com