Electronic Components Datasheet Search
  English  ▼

X  

8489 Datasheet(PDF) 4 Page - AVX Corporation

Part # 8489
Description  Style M Connectors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

8489 Datasheet(HTML) 4 Page - AVX Corporation

  8489 Datasheet HTML 1Page - AVX Corporation 8489 Datasheet HTML 2Page - AVX Corporation 8489 Datasheet HTML 3Page - AVX Corporation 8489 Datasheet HTML 4Page - AVX Corporation 8489 Datasheet HTML 5Page - AVX Corporation 8489 Datasheet HTML 6Page - AVX Corporation 8489 Datasheet HTML 7Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
48
Ordering Code
Variation
Termination
Performance
Perf. Class I
SOLDER CABLE OUTLET STRAIGHT
AWG 20 maximum
2.8 KV max
60 8489 060 001 049
SOLDER CABLE OUTLET 90°
AWG 20 maximum
2.8 KV max
60 8489 060 002 049
Variation
Termination
ØA*
Performance
Ordering Code
SOLDER
.189 (4.80)
40 Ampere max.
60 8489 040 001 049
SOLDER
.138 (3.50)
30 Ampere max.
60 8489 040 002 049
SOLDER
.110 (2.80)
20 Ampere max.
60 8489 040 003 049
CRIMP
.189 (4.80)
40 Ampere max.
60 8489 040 005 049
CRIMP
.138 (3.50)
30 Ampere max.
60 8489 040 006 049
CRIMP
.110 (2.80)
20 Ampere max.
60 8489 040 007 049
CRIMP
.067 (1.70)
10 Ampere max.
60 8489 040 008 049
P.C.
Contact
40 Ampere max.
60 8489 040 009 049
Variation
Termination
ØA*
Performance
Ordering Code
SOLDER
.189 (4.80)
40 Ampere max.
60 8489 050 001 049
SOLDER
.138 (3.50)
30 Ampere max.
60 8489 050 002 049
SOLDER
.110 (2.80)
20 Ampere max.
60 8489 050 003 049
SOLDER
.067 (1.70)
10 Ampere max.
60 8489 050 004 049
CRIMP
.189 (4.80)
40 Ampere max.
60 8489 050 005 049
CRIMP
.138 (3.50)
30 Ampere max.
60 8489 050 006 049
CRIMP
.110 (2.80)
20 Ampere max.
60 8489 050 007 049
CRIMP
.067 (1.70)
10 Ampere max.
60 8489 050 008 049
P.C.
Contact
40 Ampere max.
60 8489 050 009 049
HIGH VOLTAGE RECEPTACLE CONTACT FOR PLUG SERIES 8483/8484
HIGH POWER PLUG CONTACT FOR PLUG SERIES 8483/8484
mm (inches)
HIGH POWER RECEPTACLE CONTACT FOR RECEPTACLE SERIES 8483/8484
mm (inches)
*ØA: inner diameter of contact sleeve.
18.7
[0.736]
17.7
[0.696]
22.0 ±0.10
[0.866 ±0.004]
22.0 ±0.10
[0.866 ±.004]
21.8 ±0.10
[0.858 ±0.004]
.004
21.8
[0.858]
5.08
±0.10
(0.200
±0.004)
5.08
(0.200)
0.60
(0.024)
1.00
±0.10
(0.039
±0.004)
Ø4.80
±0.03
(0.189
±0.001)
Ø5.20
±0.07
(0.205
±0.003)
9.00
±0.15
(0.354
±0.006)
3.20
(0.126)
0.60
(0.024)
6.80
(0.268)
9.80
(0.386)
MIN 2.22
(0.087)
17.15 (0.675)
2.30
+0.10 -0.08
(0.901
+0.004 -0.003)
Style M Contacts
Series 8489 – Special Contacts for Style M Connectors
4.76 DIA
[0.187]
4.76 DIA
[0.187]
22.7
[0.894]
9.2
[0.362]
9.0
[0.354]
PLUG CONTACT
0.3 +0.05
(0.012 +0.002)
Ø4.80
(0.189)
Ø3.60 +0 -0.05
(0.142 +0 -0.002)
9.50 +0.15 -0
(0.374 +0.006 -0)
9.60
(0.378)
3 max
(0.118)
3.0
(0.118)
17.9 (0.705)
11.9 (0.469)
2.30
+0.10 -0.08
(0.091
+0.004 -0.003)
Ø4.80 0.03
(0.189 0.001)
Ø5.20 0.07
(0.205 0.003)
0.80 +0.03
(0.031 +0.001)
5.08
(0.200)
6 max
(0.236)
5.08 0.10
(0.200 0.004)
1.00 0.10
(0.039 0.004)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com