Electronic Components Datasheet Search
  English  ▼

X  

8489 Datasheet(PDF) 6 Page - AVX Corporation

Part # 8489
Description  Style M Connectors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

8489 Datasheet(HTML) 6 Page - AVX Corporation

  8489 Datasheet HTML 1Page - AVX Corporation 8489 Datasheet HTML 2Page - AVX Corporation 8489 Datasheet HTML 3Page - AVX Corporation 8489 Datasheet HTML 4Page - AVX Corporation 8489 Datasheet HTML 5Page - AVX Corporation 8489 Datasheet HTML 6Page - AVX Corporation 8489 Datasheet HTML 7Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
50
Style M Tooling
Series 8489 – Tools for Special Contacts
for Style M Connectors
CRIMPING PLIER FOR HIGH POWER CONTACTS
Part Number
06 8489 001 010 000
CRIMPING PLIER FOR COAX CONTACTS
(WITHOUT CRIMPING INSERTS)
Part Number
36 8489 001 020 001
EXTRACTION TOOL FOR ALL CONTACT TYPES
Part Number
Length
06 8489 001 001 000
2.755 (70.00)
06 8489 001 002 000
7.874 (200.00)
06 8489 001 003 000
Replacement Tip
Part Number
Cable Type
66 8489 00 102 1 000
RG 196 A/U
RG 178 B/U
66 8489 00 102 2 000
RG 188 A/U
RG 174 A/U
RG 316
/U
RG 179 B/U
RG 187 A/U
66 8489 00 102 3 000
RG 316
/U
CRIMPING INSERTS



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com