Electronic Components Datasheet Search
  English  ▼

X  

8489 Datasheet(PDF) 5 Page - AVX Corporation

Part # 8489
Description  Style M Connectors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

8489 Datasheet(HTML) 5 Page - AVX Corporation

  8489 Datasheet HTML 1Page - AVX Corporation 8489 Datasheet HTML 2Page - AVX Corporation 8489 Datasheet HTML 3Page - AVX Corporation 8489 Datasheet HTML 4Page - AVX Corporation 8489 Datasheet HTML 5Page - AVX Corporation 8489 Datasheet HTML 6Page - AVX Corporation 8489 Datasheet HTML 7Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
49
Style M Contacts
Series 8489 – Special Contacts for Style M Connectors
Coaxial Contacts
High Voltage Contacts
High Current Contacts
Contact Material
copper alloy
copper alloy
copper alloy
Contact Plating
gold over nickel
gold over nickel
gold over nickel
Performance Class
1 - 500 mating cycles
1 - 500 mating cycles
1 - 500 mating cycles
Insulator Material
PTFE
PTFE
Temperature Range
-55°C ~ +125°C
-55°C ~ +125°C
-55°C ~ +125°C
Maximum Current
0.5 ampere
0.5 ampere
10, 20, 30, 40 ampere
Operating Voltage
250 V eff.
2.8 KV
Peak Voltage
750 V eff.
3.8 KV
Contact Resistance
3 Mohm max. (1)
< 3 Mohm max.
< 1 Mohm max.
10 Mohm max. (2)
Insulation Resistance
10,000,000 Mohm
10,000,000 Mohm
Insertion Force (max.)
10 N
3 N
10 N
Retention Force (min.)
0.9 N
0.8 N
1.6 N
Characteristic Impedance
50 Ohm
Working Frequency
ca. 30 GHz max.
0-10 GHz opt.
Reflection Coefficient
max. 0.05 to 1 GHz
max. 0.07 to 4 GHz
max. 0.1 to 10 GHz
TECHNICAL DATA
(1) Outer Conductor
(2) Inner Conductor



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com