Electronic Components Datasheet Search
  English  ▼

X  

8658 Datasheet(PDF) 13 Page - PHOENIX CONTACT

Part # 8658
Description  AXL F AI4 I 1H
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

8658 Datasheet(HTML) 13 Page - PHOENIX CONTACT

Back Button 8658 Datasheet HTML 9Page - PHOENIX CONTACT 8658 Datasheet HTML 10Page - PHOENIX CONTACT 8658 Datasheet HTML 11Page - PHOENIX CONTACT 8658 Datasheet HTML 12Page - PHOENIX CONTACT 8658 Datasheet HTML 13Page - PHOENIX CONTACT 8658 Datasheet HTML 14Page - PHOENIX CONTACT 8658 Datasheet HTML 15Page - PHOENIX CONTACT 8658 Datasheet HTML 16Page - PHOENIX CONTACT 8658 Datasheet HTML 17Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
AXL F AI4 I 1H
8658_en_02
PHOENIX CONTACT
13
12.3
Calculation of the measured value from the
process data input value
The following examples explain the calculation of the mea-
sured value from the process data input value for the mea-
suring range 4 mA to 20 mA.
PD IW = Process data input word = input data
IB IL format
Resolution = (20 mA - 4 mA) / 30000 = 0.0005333
Measured value = PD-EW x 0.0005333 mA +4 mA
S7-compatible format
Resolution = (20 mA - 4 mA) / 27648 = 0.0005787
Measured value = PD IW x 0.0005787 mA + 4 mA
13
Parameter, diagnostics and
information (PDI)
Parameter and diagnostic data as well as other information
is transmitted via the PDI channel of the Axioline F station.
The standard and application objects stored in the module
are described in the following section.
The following applies to all tables below:
Please refer to the UM EN AXL F SYS INST for an explana-
tion of the object codes and data types.
Example 1
PD IW
493F
hex = 18751dec
Value x resolution
18751 x 0.000533 mA = 10 mA
+ 4 mA
10 mA + 4 mA = 14 mA
Measured value
14 mA
Example 1
PD IW
6C00
hex = 27648dec
Value x resolution
27648 x 0.0005787 mA = 16 mA
+ 4 mA
16 mA + 4 mA = 20 mA
Measured value
20 mA
Example 2
PD IW
F940
hex -> FFFFhex - F940hex + 1
= -1728
dec
Value x resolution
-1728 x 0.0005787 mA = -1 mA
+ 4 mA
-1 mA + 4 mA = 3 mA
Measured value
3 mA
Abbreviation
Meaning
A
Number of elements
L
Length of the elements in bytes
RRead
WWrite
Every visible string is terminated with a zero
terminator (00
hex). The length of a visible
string element is therefore one byte larger
than the amount of user data.
For detailed information on PDI and the ob-
jects, please refer to the
UM EN AXL F SYS INST user manual.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com