Electronic Components Datasheet Search
  English  ▼

X  

8658 Datasheet(PDF) 20 Page - PHOENIX CONTACT

Part # 8658
Description  AXL F AI4 I 1H
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

8658 Datasheet(HTML) 20 Page - PHOENIX CONTACT

Back Button 8658 Datasheet HTML 13Page - PHOENIX CONTACT 8658 Datasheet HTML 14Page - PHOENIX CONTACT 8658 Datasheet HTML 15Page - PHOENIX CONTACT 8658 Datasheet HTML 16Page - PHOENIX CONTACT 8658 Datasheet HTML 17Page - PHOENIX CONTACT 8658 Datasheet HTML 18Page - PHOENIX CONTACT 8658 Datasheet HTML 19Page - PHOENIX CONTACT 8658 Datasheet HTML 20Page - PHOENIX CONTACT 8658 Datasheet HTML 21Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
AXL F AI4 I 1H
8658_en_02
PHOENIX CONTACT
20
15.2
Measured value in extended float format
(0082
hex: Measured Value Float)
You can read the IN process data in IB IL or S7-compatible
format with the 0025
hex object.
The 0082
hex object is also available.
This object provides the measured value in the highest inter-
nal accuracy of the terminal in the float format.
Measured value channel 1 ... channel 4
Structure of the float format according to IEEE 754 in the bit
representation:
Some example values for conversion from floating point to
hexadecimal representation:
Extended Float Format
Extended Float Format is a specially defined format. It con-
sists of the measured value in float format, a status, and a
unit.
Status is necessary because the float format defines no pat-
terns providing information on the status of the numerical
value.
The status corresponds to the LSB of the diagnostic code in
IB IL format (e.g., overrange: status = 01, diagnostic code =
8001
hex). If status = 0, the measured value is valid.
0082
hex: Measured Value Float (Read)
Subindex
Data type
Length in
bytes
Meaning
0
Array of Re-
cords
4 * 6
Read all ele-
ments
1
Record
6
Measured value
for channel 1
::
:
:
4
Record
6
Measured value
channel 4
Element
Data type
Length in
bytes
Meaning
1
Float 32
4
Measured value
in float format
according to
IEEE 754
2Unsigned 8
1
Status
3Unsigned 8
1
Unit
VEEE EEEE
EMMM
MMMM
MMMM
MMMM
MMMM
MMMM
V
1 sign bit, 0: positive, 1: negative
E
8 bits exponent with offset 7F
hex
M
23 bits mantissa
Floating point
Hexadecimal representa-
tion
1.0
3F 80 00 00
10.0
41 20 00 00
1.03965528
3F 85 13 6D
- 1.0
BF 80 00 00
Unit
Code
Milliampere (mA)
39 (27
hex)
Status
Code
Measured value is valid
00
hex
Measured value is invalid
Other



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com