Electronic Components Datasheet Search
  English  ▼

X  

8658 Datasheet(PDF) 21 Page - PHOENIX CONTACT

Part # 8658
Description  AXL F AI4 I 1H
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

8658 Datasheet(HTML) 21 Page - PHOENIX CONTACT

Back Button 8658 Datasheet HTML 13Page - PHOENIX CONTACT 8658 Datasheet HTML 14Page - PHOENIX CONTACT 8658 Datasheet HTML 15Page - PHOENIX CONTACT 8658 Datasheet HTML 16Page - PHOENIX CONTACT 8658 Datasheet HTML 17Page - PHOENIX CONTACT 8658 Datasheet HTML 18Page - PHOENIX CONTACT 8658 Datasheet HTML 19Page - PHOENIX CONTACT 8658 Datasheet HTML 20Page - PHOENIX CONTACT 8658 Datasheet HTML 21Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
AXL F AI4 I 1H
8658_en_02
21
PHOENIX CONTACT GmbH & Co. KG • 32823 Blomberg • Germany
phoenixcontact.com
15.3
Minimum process data value
(0083
hex: PD Min)
Object 0083
hex can be used to read the minimum process
data values.
The values are initialized after each parameterization. The
highest value is assigned for the minimum process data
value.
PD Min = 7FFF 7FFF 7FFF 7FFF
hex
On every analog conversion, the PD Min value is compared
with the current measured values and overwritten if neces-
sary.
15.4
Maximum process data value
(0084
hex: PD Max)
Object 0084
hex can be used to read the maximum process
data values.
The values are initialized after each parameterization. The
lowest value is assigned for the maximum process data
value.
PD Max = 8000 8000 8000 8000
hex
On every analog conversion, the PD Max value is compared
with the current measured values and overwritten if neces-
sary.
16
Device descriptions
The device is described in the device description files.
The device descriptions for controllers from Phoenix Con-
tact are included in PC Worx and the corresponding service
packs.
The device description files for other systems are available
for download at phoenixcontact.net/products in the down-
load area of the bus coupler used.
0083
hex: PD Min (Read)
Subindex
Data type
Length in
bytes
Meaning
0
Array of Inte-
ger 16
4 * 2
Read all ele-
ments
1
Integer 16
2
Minimum pro-
cess data value
channel 1
::
:
:
4
Integer 16
2
Minimum pro-
cess data value
channel 4
0084
hex: PD Max (Read)
Subindex
Data type
Length in
bytes
Meaning
0
Array of Inte-
ger 16
4 * 2
Read all ele-
ments
1
Integer 16
2
Maximum pro-
cess data value
channel 1
::
:
:
4
Integer 16
2
Maximum pro-
cess data value
channel 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com