Electronic Components Datasheet Search
  English  ▼

X  

8672 Datasheet(PDF) 13 Page - PHOENIX CONTACT

Part # 8672
Description  AXL F UTH4 1H
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

8672 Datasheet(HTML) 13 Page - PHOENIX CONTACT

Back Button 8672 Datasheet HTML 9Page - PHOENIX CONTACT 8672 Datasheet HTML 10Page - PHOENIX CONTACT 8672 Datasheet HTML 11Page - PHOENIX CONTACT 8672 Datasheet HTML 12Page - PHOENIX CONTACT 8672 Datasheet HTML 13Page - PHOENIX CONTACT 8672 Datasheet HTML 14Page - PHOENIX CONTACT 8672 Datasheet HTML 15Page - PHOENIX CONTACT 8672 Datasheet HTML 16Page - PHOENIX CONTACT 8672 Datasheet HTML 17Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
AXL F UTH4 1H
8672_en_02
PHOENIX CONTACT
13
5.10
Technical data for the ±5 V DC voltage input
This input is used to acquire additional voltage signals.
Connect a signal converter to the input. This can be used to
acquire any AC or DC currents which are converted by the
converter into an electrically isolated ±5 V signal. This ±5 V
signal is processed by the module.
Connection example: Figure 13
Tolerances of the voltage input
Typical tolerance values are measured application values
that are based on the maximum variance of all test objects.
The maximum tolerance values represent the worst-case
measurement inaccuracy. They contain the theoretical max-
imum possible tolerances in the corresponding measuring
ranges as well as the theoretical maximum possible toler-
ances of the calibration and test equipment. The data is valid
for at least 24 months from delivery of the module. Thereaf-
ter the modules can be recalibrated by the manufacturer at
any time.
Use an isolating amplifier to decouple from the field the sen-
sor signals which go to the sensor input. The MCR range
from Phoenix Contact offers various solutions (see also con-
nection example "Universal AC and DC current acquisition
by means of combination with a current transducer").
5.11
Cycle times
±5 V voltage input
Connection method
2-wire connection
Measuring range
-5 V ... +5 V
Format
IB IL
Resolution
16-bit
Quantization
166.7 µV/LSB
Filter time
120 ms
Input resistance
typ. 5 MΩ
No.
 
Tem-
pera-
ture
Absolute
Relative
Typ.
Max.
Typ.
Max.
1Toler-
ance
+25°C
±1 mV
±10 mV
±0.02%
±0.20 %
2
Toler-
ance
-25 °C ...
+60 °C
±2.3 mV
±15 mV
±0.05 %
±0.30%
3Drift
-25 °C ...
+60 °C
±8 ppm/K
±20 ppm/K
Filter time
Channel conversion time for TC opera-
tion with internal compensation
120 ms
120 ms
100 ms
100 ms
60 ms
60 ms
40 ms
40 ms
Filter time
Typical scan repeat time for all four
measuring channels
TC operation with internal cold junc-
tion compensation
120 ms
962 ms
100 ms
880 ms
60 ms
720 ms
40 ms
640 ms
Filter time
Typical scan repeat time for a measur-
ing channel
TC operation with internal cold junc-
tion compensation; channels 2 ... 4
deactivated
120 ms
600 ms
100 ms
580 ms
60 ms
540 ms
40 ms
520 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com