| Electronic Components Datasheet Search |
|
8672 Datasheet(PDF) 21 Page - PHOENIX CONTACT |
|
|
|||||||||||||||||||||||||||||
8672 Datasheet(HTML) 21 Page - PHOENIX CONTACT |
|
21 / 37 page ![]() AXL F UTH4 1H 8672_en_02 PHOENIX CONTACT 21 11 Local status and diagnostic indicators Figure 14 Local status and diagnostic indicators 30 20 10 00 32 22 12 02 31 21 11 01 33 23 13 03 D UA E1 E2 Channel errors are errors that can be associ- ated with a channel. Periphery errors are errors that affect the en- tire module. Designa- tion Color Meaning State Description D Red/yel- low/ green Diagnostics of local bus communication Power down OFF Device in (power) reset. Not connected Red flash- ing Device operating, but there is no connection to previous device. Reset Red ON Application reset Device operating, but there is still a connection to the previous device, the application is reset. Ready Yellow ON Device operating, there is still a connection to the previous device, but the device has not yet detected a valid cycle after power on. Connected Yellow flashing Valid data cycles have been detected, but the device is (not) yet part of the current configuration. Device applica- tion not active Green/ yellow al- ternating Valid data cycles are being detected. The master application set the output data to valid, however, the slave application has not set the input data to valid as yet. Active Green flashing Device operating, communications within the station is OK. The master application does not read the input data. (The connection to the controller has not yet been established, for ex- ample.) Run Green ON Valid data cycles are being detected. All data is valid UA Green U Analog ON Supply of analog modules present OFF Supply of analog modules not present E1 Red Supply voltage error ON Supply voltage is faulty. OFF Supply voltage is present. E2 Red Error ON I/O or channel error has occurred. OFF No error 10 ... 13 Red/or- ange/ green Channel Scout/error message Channel Scout Orange flashing Channel searched for Error message Red ON Open circuit, overrange or underrange or voltage U A not present Errors which affect the entire device (e.g., parameter table invalid); Such errors are only displayed on active channels. OK Green ON Normal operation, installation OK Inactive OFF Channel is parameterized as inactive. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |