Electronic Components Datasheet Search
  English  ▼

X  

8672 Datasheet(PDF) 20 Page - PHOENIX CONTACT

Part # 8672
Description  AXL F UTH4 1H
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

8672 Datasheet(HTML) 20 Page - PHOENIX CONTACT

Back Button 8672 Datasheet HTML 16Page - PHOENIX CONTACT 8672 Datasheet HTML 17Page - PHOENIX CONTACT 8672 Datasheet HTML 18Page - PHOENIX CONTACT 8672 Datasheet HTML 19Page - PHOENIX CONTACT 8672 Datasheet HTML 20Page - PHOENIX CONTACT 8672 Datasheet HTML 21Page - PHOENIX CONTACT 8672 Datasheet HTML 22Page - PHOENIX CONTACT 8672 Datasheet HTML 23Page - PHOENIX CONTACT 8672 Datasheet HTML 24Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 37 page
background image
AXL F UTH4 1H
8672_en_02
PHOENIX CONTACT
20
8.8
Universal AC and DC current acquisition in
combination with a current transducer
Any AC or DC currents with 300 V AC safe isolation accord-
ing to EN 50178, EN 61010, such as heating currents, can
be acquired via the ±5 V voltage input (terminal points 02
and 12) using a current transducer.
For signal conditioning, use the MCR-S-1-5-UI(-SW)-DCI
current transducer from Phoenix Contact, for example.
Figure 13
Measurement of an AC or DC current signal at
the -5 V voltage input ... +5 V DC in combina-
tion with a current transducer (heating current
acquisition)
9
Connection notes
Use encapsulated thermocouples.
Always connect the thermocouples using twisted pair equal-
izing conductors.
Use shielded twisted pair equalizing conductors for a cable
length from 10 m.
For mV sensors in environments prone to interference as
well as for sensor cables which are longer than 10 m. use
shielded twisted connecting cables (e.g., LiYCY (TP) 2 x 2 x
0.5 mm
2
).
For TC sensors, use the corresponding shielded TC con-
necting cable according to DIN EN 60584-3/ISO 60584-3.
For optimum shield connection directly before the module,
use the AXL SHIELD SET Axioline shield connection set
(see ordering data).
Please refer to the UM EN AXL SYS INST user manual for
information on how to install the set and connect the shield.
For installation in a control cabinet: connect the cable shield
to functional earth ground immediately after the cables enter
the control cabinet. Route the shield as far as the Axioline F
temperature module without interruption.
10
Configuration notes
Always position temperature modules at the end of the sta-
tion. For modules that must be positioned next to a bus cou-
pler, the typical measuring tolerance can be increased by up
to 0.9 K.
I
In
AC/DC input current, 0 mA ... 200 mA up
to 0 A ... 11 A, 15 Hz ... 400 Hz
U
Out
-5 V DC ... +5 V DC output voltage
MCR-S-1-5-UI(-
SW)-DCI
Current transducer
Make sure that the shielded twisted sensor
cable is no more than 5 m in length from the
current transducer to the temperature mod-
ule.
If longer cable lengths are required, connect
appropriate converters or signal conditioners
upstream.
The MCR range from Phoenix Contact offers
a comprehensive range of products for this.
00
10
20
30
01
11
21
31
02
12
22
32
03
13
23
33
a1
a2
b1
b2
UOut
IIn
Power
24 V
I
50 mA AC
MCR-S-1-5-UI(-SW)-DCI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com