Electronic Components Datasheet Search
  English  ▼

X  

MSC7128 Datasheet(PDF) 7 Page - OKI electronic componets

Part # MSC7128
Description  5 x 7-Dot Character x 16-Digit Display Controller/Driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSC7128 Datasheet(HTML) 7 Page - OKI electronic componets

Back Button MSC7128 Datasheet HTML 3Page - OKI electronic componets MSC7128 Datasheet HTML 4Page - OKI electronic componets MSC7128 Datasheet HTML 5Page - OKI electronic componets MSC7128 Datasheet HTML 6Page - OKI electronic componets MSC7128 Datasheet HTML 7Page - OKI electronic componets MSC7128 Datasheet HTML 8Page - OKI electronic componets MSC7128 Datasheet HTML 9Page - OKI electronic componets MSC7128 Datasheet HTML 10Page - OKI electronic componets MSC7128 Datasheet HTML 11Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
¡ Semiconductor
MSC7128-xx
7/27
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Condition
Unit
—
Power Supply Voltage (1)
VDD–VSS
V
—
Power Supply Voltage (2)
VDD–VEE
V
Rating
–0.3 to +6.5
0 to 65
—
Input Voltage
VIN–VSS
V
Ta £ 25°C
Power Dissipation
PD
W
–0.3 to VDD + 0.3
Up to 1.0
—
Storage Temperature
TSTG
°C
–55 to +150
COM1 to COM16
IO1
mA
–40
SEG1 to SEG35
IO2
mA
–4
SEG36
IO3
mA
–15
Output Current
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Condition
Max.
Unit
—
Power Supply Voltage (1)
VDD–VSS
5.5
V
Typ.
—
—
Power Supply Voltage (2)
VDD–VEE
60
V
—
Min.
4.5
10
—
High Level Input Voltage
VIH–VSS
—V
—
0.7VDD
—
Low Level Input Voltage
VIL–VSS
0.3VDD
V
—
—
—
CP Frequency
fCP
500
kHz
—
—
100pF, 47kW
OSC Frequency
fOSC
270
kHz
220
170
—
Operating Temperature
Top
+75
°C
—
–20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com