Electronic Components Datasheet Search
  English  ▼

X  

MSC7128 Datasheet(PDF) 8 Page - OKI electronic componets

Part # MSC7128
Description  5 x 7-Dot Character x 16-Digit Display Controller/Driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSC7128 Datasheet(HTML) 8 Page - OKI electronic componets

Back Button MSC7128 Datasheet HTML 4Page - OKI electronic componets MSC7128 Datasheet HTML 5Page - OKI electronic componets MSC7128 Datasheet HTML 6Page - OKI electronic componets MSC7128 Datasheet HTML 7Page - OKI electronic componets MSC7128 Datasheet HTML 8Page - OKI electronic componets MSC7128 Datasheet HTML 9Page - OKI electronic componets MSC7128 Datasheet HTML 10Page - OKI electronic componets MSC7128 Datasheet HTML 11Page - OKI electronic componets MSC7128 Datasheet HTML 12Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
¡ Semiconductor
MSC7128-xx
8/27
ELECTRICAL CHARACTERISTICS
DC Characteristics
Parameter
Symbol
Condition
Max.
Unit
—
High Level Input Voltage
VIH
—V
Min.
0.7VDD
—
Low Level Input Voltage
VIL
0.3VDD
V
—
(VDD–Vss = 5V±10%, VDD–VEE = 60V, Ta = –20 to +75°C)
DA, CP, CS
RESET
VDD = 5.5V
VIN = 5V
IIH1
5
mA
–5
TEST STEP
TEST COUNT
VDD = 5.5V
VIN = 5V
IIH2
1mA
0.25
High Level Input Current
DA, CP, CS
TEST STEP
TEST COUNT
VDD = 5.5V
VIH = 0.5V
IIL1
5
mA
–5
RESET
VDD = 5.5V
VIH = 0.5V
IIL2
–100
mA
–25
VOH1
—V
VDD–0.6
VOH2
—V
VDD–4
OSCO
IOH = –500mA
COM1~16
IOH = –30mA
VOH3
—V
VDD–3
VOH4
—V
VDD–4
SEG1~35
IOH = –2mA
SEG36
IOH = –10mA
Low Level Input Current
High Level Output Voltage
VOL1
VSS+0.6
V
—
VOL2
VEE+3
V
—
OSCO
IOL = 500mA
COM1~16
IOL = 100mA
VOL3
VEE+3
V
—
VOL4
VEE+3
V
—
SEG1~35
IOL = 100mA
SEG36
IOL = 100mA
Low Level Output Voltage
All SEGs on, 16-digit display, duty
cycle 15/16, no load
ISS1
15
mA
—
All SEGs Low, all COMs High
ISS2
1.5
mA
—
All SEGs on, 16-digit display, duty
cycle 15/16, no load
IEE1
1.0
mA
—
All SEGs Low, all COMs High
IEE2
15
mA
—
Current Consumption



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com