Electronic Components Datasheet Search
  English  ▼

X  

MSC7128 Datasheet(PDF) 1 Page - OKI electronic componets

Part # MSC7128
Description  5 x 7-Dot Character x 16-Digit Display Controller/Driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSC7128 Datasheet(HTML) 1 Page - OKI electronic componets

  MSC7128 Datasheet HTML 1Page - OKI electronic componets MSC7128 Datasheet HTML 2Page - OKI electronic componets MSC7128 Datasheet HTML 3Page - OKI electronic componets MSC7128 Datasheet HTML 4Page - OKI electronic componets MSC7128 Datasheet HTML 5Page - OKI electronic componets MSC7128 Datasheet HTML 6Page - OKI electronic componets MSC7128 Datasheet HTML 7Page - OKI electronic componets MSC7128 Datasheet HTML 8Page - OKI electronic componets MSC7128 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
¡ Semiconductor
MSC7128-xx
1/27
¡ Semiconductor
MSC7128-xx
5
¥ 7-Dot Character ¥ 16-Digit Display Controller/Driver
GENERAL DESCRIPTION
The MSC7128-xx is a general purpose display controller for vacuum fluorescent display tube.
The MSC7128-xx drives displays with up to 35 anodes (dots) and up to 16 grids (characters) plus
a cursor.
The controller accepts command and display data input words on a clocked serial input line.
Commands control the on/off duty cycle, starting character position, number of characters to
display and display modes (PLA mode and Lamp Test mode). An internal PLA-type character
generator provides character decoding and dot pattern generation for the full 128 characters.
A 35 ¥ 128-bit PLA (ROM) code is programmable.
FEATURES
• Logic supply voltage (VDD)
:+5V
• VF driver supply voltage (VEE)
:–55V
• Driver output current
– VF grid driver
:–30mA
– VF anode driver
:–2mA
– VF cursor driver
:–10mA
• Direct drive capability for vacuum fluorescent display (no pull-down resistor is required)
• Built-in oscillation circuit
• Built-in power-on-reset circuit with external C
• Serial host interface (data in, clock, chip select)
• Serial data input for 8-bit control and display data words
• Command functions
– On/off duty cycle
: 0/16 to 15/16
– Character display position
: 0 to 15
– Number of display digits
:1 to 16
– Display modes
: PLA mode, and Lamp Test mode
• Built-in 35 x 128-bit PLA-type character generator
– Character font
:5 ¥ 7
– Number of characters
:128
– Programmable PLA code
• Package options:
64-pin plastic SDIP (SDIP64-P-750-1.78) (Product name : MSM7128-xxSS)
64-pin plastic QFP (QFP64-P-1420-1.00-BK) (Product name : MSM7128-xxGS-BK)
xx indicates the code number.
E2C0029-27-Y4
This version: Nov. 1997
Previous version: Jul. 1996


Similar Part No. - MSC7128

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MSC7110 FREESCALE-MSC7110 Datasheet
148Kb / 8P
Low-Cost 16-Bit DSP with DDR Controller
logo
OKI electronic componet...
MSC7110-01 OKI-MSC7110-01 Datasheet
203Kb / 18P
12-Segment x 16-Digit or 16-Segment x12-Digit Display Controller/Driver
MSC7112-01 OKI-MSC7112-01 Datasheet
203Kb / 18P
12-Segment x 16-Digit or 16-Segment x12-Digit Display Controller/Driver
logo
Freescale Semiconductor...
MSC7116 FREESCALE-MSC7116 Datasheet
1Mb / 56P
Low-Cost 16-bit DSP with DDR Controller and 10/100 Mbps Ethernet MAC
MSC7116 FREESCALE-MSC7116 Datasheet
800Kb / 60P
Low-Cost 16-bit DSP with DDR Controller and 10/100 Mbps Ethernet MAC
More results

Similar Description - MSC7128

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML9203 OKI-ML9203 Datasheet
388Kb / 31P
5 x 7 Dot Character x 16-Digit x 2-Line Display Controller/Driver with Character RAM
ML9205-01 OKI-ML9205-01 Datasheet
355Kb / 34P
5 x 7 Dot Character x 16-Digit Display Controller/Driver with Character RAM
ML9206 OKI-ML9206 Datasheet
355Kb / 33P
5 x 7 Dot Character x 16-Digit Display Controller/Driver with Character RAM
MSM9202-01 OKI-MSM9202-01 Datasheet
345Kb / 33P
5 x 7 Dot Character x 16-Digit Display Controller/Driver with Character RAM
MSM9200-XX OKI-MSM9200-XX Datasheet
315Kb / 34P
5 X 7 Dot Character X 16-Digit Display Controller/Driver with Character RAM
ML9208 OKI-ML9208 Datasheet
337Kb / 33P
5 X 7 Dot Character X 16-Digit Display Controller/Driver with Character RAM
logo
Princeton Technology Co...
PT6301 PTC-PT6301 Datasheet
75Kb / 4P
5 x 7 Dot Character x 20-Digit x 2-Line Display Controller/Driver with Character RAM
PT6301 PTC-PT6301_10 Datasheet
75Kb / 4P
5 x 7 Dot Character x 20-Digit x 2-Line Display Controller/Driver with Character RAM
logo
List of Unclassifed Man...
ML9208A-02 ETC2-ML9208A-02 Datasheet
639Kb / 35P
5 x 7 Dot Character x 16-Digit Display Controller/Driver with Character RAM
logo
LAPIS Semiconductor Co....
ML9208-XX LAPIS-ML9208-XX Datasheet
262Kb / 33P
5 x 7 Dot Character x 16-Digit Display Controller/Driver with Character RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com