Electronic Components Datasheet Search
  English  ▼

X  

AD5428 Datasheet(PDF) 18 Page - Analog Devices

Part # AD5428
Description  Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5428 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD5428 Datasheet HTML 14Page - Analog Devices AD5428 Datasheet HTML 15Page - Analog Devices AD5428 Datasheet HTML 16Page - Analog Devices AD5428 Datasheet HTML 17Page - Analog Devices AD5428 Datasheet HTML 18Page - Analog Devices AD5428 Datasheet HTML 19Page - Analog Devices AD5428 Datasheet HTML 20Page - Analog Devices AD5428 Datasheet HTML 21Page - Analog Devices AD5428 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
AD5428/AD5440/AD5447
Data Sheet
Rev. D | Page 18 of 32
Bipolar Operation
In some applications, it may be necessary to generate full 4-quad-
rant multiplying operation or a bipolar output swing. This can
easily be accomplished by using another external amplifier and
some external resistors, as shown in Figure 39. In this circuit, the
second amplifier, A2, provides a gain of 2. Biasing the external
amplifier with an offset from the reference voltage results in full
4-quadrant multiplying operation. The transfer function of this
circuit shows that both negative and positive output voltages are
created as the input data (D) is incremented from Code 0 (VOUT =
−VREF) to midscale (VOUT = 0 V) to full scale (VOUT = +VREF).
When connected in bipolar mode, the output voltage is given by

REF
n
REF
OUT
V
D
V
V
1
2
/
where:
D is the fractional representation of the digital word loaded to
the DAC.
D = 0 to 255 (AD5428)
= 0 to 1023 (AD5440)
= 0 to 4095 (AD5447)
n is the number of bits.
When VIN is an ac signal, the circuit performs 4-quadrant
multiplication. Table 8 shows the relationship between digital
code and the expected output voltage for bipolar operation
using the 8-bit AD5428.
Table 8. Bipolar Code
Digital Input
Analog Output (V)
1111 1111
+VREF (127/128)
1000 0000
0
0000 0001
–VREF (127/128)
0000 0000
–VREF (128/128)
Stability
In the I-to-V configuration, the IOUT of the DAC and the inverting
node of the op amp must be connected as close as possible, and
proper PCB layout techniques must be used. Because every code
change corresponds to a step function, gain peaking may occur
if the op amp has limited gain bandwidth product (GBP) and
there is excessive parasitic capacitance at the inverting node.
This parasitic capacitance introduces a pole into the open-loop
response, which can cause ringing or instability in the closed-
loop applications circuit.
An optional compensation capacitor, C1, can be added in parallel
with RFBA for stability, as shown in Figure 38 and Figure 39. Too
small a value of C1 can produce ringing at the output, whereas
too large a value can adversely affect the settling time. C1 should
be found empirically, but 1 pF to 2 pF is generally adequate for
the compensation.
CONTROL
LOGIC
INPUT
BUFFER
DATA
INPUTS
IOUTA
DB0
DAC A/B
CS
R/W
DGND
DB7
DB9
DB11
IOUTB
AGND
AD5428/AD5440/AD5447
LATCH
LATCH
AGND
8-/10-/12-BIT
R-2R DAC A
8-/10-/12-BIT
R-2R DAC B
POWER-ON
RESET
VDD
VREFA
VINA
(±10V)
VREFB
RFBA
RFBB
R
RR21
VOUTA
R11
VINB
(±10V)
R31
R62
20k
R5
20k
R8
20k
R11
5k
R12
5k
R72
10k
R92
10k
R102
20k
C13
AGND
AGND
AGND
VOUTB
R41
C23
A1
A3
A2
A4
1R1, R2 AND R3, R4 USED ONLY IF GAIN ADJUSTMENT IS REQUIRED. ADJUST R1 FOR VOUTA = 0V WITH CODE 10000000 IN DAC A LATCH.
ADJUST R3 FOR VOUTB = 0V WITH CODE 10000000 IN DAC B LATCH.
2MATCHING AND TRACKING IS ESSENTIAL FOR RESISTOR PAIRS R6, R7 AND R9, R10.
3C1, C2 PHASE COMPENSATION (1pF TO 2pF) MAY BE REQUIRED IF A1/A3 IS A HIGH SPEED AMPLIFIER.
Figure 39. Bipolar Operation (4-Quadrant Multiplication)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com