Electronic Components Datasheet Search
  English  ▼

X  

AD5680 Datasheet(PDF) 9 Page - Analog Devices

Part # AD5680
Description  5V 18-Bit nanoDAC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5680 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD5680 Datasheet HTML 5Page - Analog Devices AD5680 Datasheet HTML 6Page - Analog Devices AD5680 Datasheet HTML 7Page - Analog Devices AD5680 Datasheet HTML 8Page - Analog Devices AD5680 Datasheet HTML 9Page - Analog Devices AD5680 Datasheet HTML 10Page - Analog Devices AD5680 Datasheet HTML 11Page - Analog Devices AD5680 Datasheet HTML 12Page - Analog Devices AD5680 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Data Sheet
AD5680
Rev. C | Page 9 of 20
SAMPLE NUMBER
2.502500
2.502250
2.502000
2.501750
2.501500
2.501250
2.501000
2.500750
2.500500
2.500250
2.500000
2.499750
2.499500
2.499250
2.499000
2.498750
0
150
200
250
50
100
300
350
400
450
500 550
VDD = VREF = 5V
TA = 25°C
13ns/SAMPLE NUMBER
1 LSB CHANGE AROUND
MIDSCALE (0x20000 TO 0x1FFFF)
GLITCH IMPULSE = 2.723nV-s
Figure 17. Digital-to-Analog Glitch Impulse (Negative)
SAMPLES × 6.5ns
2.5010
2.4986
0
2.4988
2.4990
2.4992
2.4994
2.4996
2.4998
2.5000
2.5002
2.5004
2.5006
2.5008
50
100
150
200
250
300
350
400
450
500
VDD = VREF = 5V
TA = 25°C
DAC LOADED WITH MIDSCALE
DIGITAL FEEDTHROUGH
= 0.201nV
Figure 18. Digital Feedthrough
FREQUENCY (kHz)
–20
–100
010
–30
–40
–50
–60
–70
–80
–90
1
2345
678
9
VDD = 5V
TA = 25°C
FULL SCALE LOADED
VREF = 2V ±300mV p-p
Figure 19. Total Harmonic Distortion
CAPACITANCE (nF)
16
14
12
10
8
6
4
01
2
3
4
5
6
7
9
810
VREF = VDD
TA = 25°C
VDD = 5V
VDD = 3V
Figure 20. Settling Time vs. Capacitive Load
5s/DIV
1
VDD = VREF = 5V
TA = 25°C
DAC LOADED WITH MIDSCALE
VREF
Figure 21. 0.1 Hz to 10 Hz Output Noise Plot
FREQUENCY (Hz)
1000
0
100
1M
1k
10k
100k
900
800
700
600
500
400
300
200
100
VDD = VREF = 5V
TA = 25°C
MIDSCALE LOADED
Figure 22. Noise Spectral Density



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com