Electronic Components Datasheet Search
  English  ▼

X  

AD5680 Datasheet(PDF) 17 Page - Analog Devices

Part # AD5680
Description  5V 18-Bit nanoDAC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5680 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD5680 Datasheet HTML 12Page - Analog Devices AD5680 Datasheet HTML 13Page - Analog Devices AD5680 Datasheet HTML 14Page - Analog Devices AD5680 Datasheet HTML 15Page - Analog Devices AD5680 Datasheet HTML 16Page - Analog Devices AD5680 Datasheet HTML 17Page - Analog Devices AD5680 Datasheet HTML 18Page - Analog Devices AD5680 Datasheet HTML 19Page - Analog Devices AD5680 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
Data Sheet
AD5680
Rev. C | Page 17 of 20
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MO-178-BA
8°
4°
0°
SEATING
PLANE
1.95
BSC
0.65 BSC
0.60
BSC
76
12
3
4
5
3.00
2.90
2.80
3.00
2.80
2.60
1.70
1.60
1.50
1.30
1.15
0.90
0.15 MAX
0.05 MIN
1.45 MAX
0.95 MIN
0.22 MAX
0.08 MIN
0.38 MAX
0.22 MIN
0.60
0.45
0.30
PIN 1
INDICATOR
8
Figure 38. 8-Lead Small Outline Transistor Package [SOT-23]
(RJ-8)
Dimensions shown in millimeters
TOP VIEW
8
1
5
4
0.35
0.30
0.25
BOTTOM VIEW
PIN 1 INDEX
AREA
SEATING
PLANE
0.80
0.75
0.70
0.203 REF
0.05 MAX
0.00 MIN
0.65 BSC
1.95 REF
3.10
3.00 SQ
2.90
COPLANARITY
0.08
0.50
0.40
0.30
COMPLIANT
TO JEDEC STANDARDS MO-229-WEEC-2
PIN 1 CORNER
C 0.130× 45°
Figure 39. 8-Lead Lead Frame Chip Scale Package [LFCSP_WD]
3 mm × 3 mm Body, Very Very Thin, Dual Lead
(CP-8-15)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Power-On
Reset to Code
Accuracy
Temperature Range
Package
Description
Package
Option
Branding
AD5680BRJZ-1500RL7
Zero
±64 LSB INL
−40°C to +105°C
8-Lead SOT-23
RJ-8
D3C
AD5680BRJZ-1REEL7
Zero
±64 LSB INL
−40°C to +105°C
8-Lead SOT-23
RJ-8
D3C
AD5680BRJZ-2500RL7
Midscale
±64 LSB INL
−40°C to +105°C
8-Lead SOT-23
RJ-8
D3D
AD5680BRJZ-2REEL7
Midscale
±64 LSB INL
−40°C to +105°C
8-Lead SOT-23
RJ-8
D3D
AD5680BCPZ-1500RL7
Zero
±64 LSB INL
−40°C to +105°C
8-Lead LFCSP
CP-8-15
DLN
AD5680BCPZ-1RL7
Zero
±64 LSB INL
−40°C to +105°C
8-Lead LFCSP
CP-8-15
DLN
AD5680BCPZ-2500RL7
Midscale
±64 LSB INL
−40°C to +105°C
8-Lead LFCSP
CP-8-15
DLP
AD5680BCPZ-2RL7
Midscale
±64 LSB INL
−40°C to +105°C
8-Lead LFCSP
CP-8-15
DLP
EVAL-AD5680DBZ
Evaluation Board
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com