Electronic Components Datasheet Search
  English  ▼

X  

PCA9554 Datasheet(PDF) 5 Page - ON Semiconductor

Part # PCA9554
Description  8-bit I2C and SMBus I/O Port
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PCA9554 Datasheet(HTML) 5 Page - ON Semiconductor

  PCA9554 Datasheet HTML 1Page - ON Semiconductor PCA9554 Datasheet HTML 2Page - ON Semiconductor PCA9554 Datasheet HTML 3Page - ON Semiconductor PCA9554 Datasheet HTML 4Page - ON Semiconductor PCA9554 Datasheet HTML 5Page - ON Semiconductor PCA9554 Datasheet HTML 6Page - ON Semiconductor PCA9554 Datasheet HTML 7Page - ON Semiconductor PCA9554 Datasheet HTML 8Page - ON Semiconductor PCA9554 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
PCA9554
www.onsemi.com
5
SCL
SDA IN
SDA OUT
Figure 2. I2C Serial Interface Timing
tSU:STA
tAA
tF
tHD:STA
tHD:DAT
tLOW
tDH
tR
tSU:DAT
tLOW
tHIGH
tSU:STO
tBUF
Pin Description
SCL: Serial Clock
The serial clock input clocks all data transferred into or out
of the device. The SCL line requires a pull−up resistor if it
is driven by an open drain output.
SDA: Serial Data/Address
The bidirectional serial data/address pin is used to transfer
all data into and out of the device. The SDA pin is an open
drain output and can be wire−ORed with other open drain or
open collector outputs. A pull−up resistor must be connected
from SDA line to VCC. The value of the pull−up resistor, RP,
can be calculated based on minimum and maximum values
from Figure 3 and Figure 4 (see Note).
A0, A1, A2: Device Address Inputs
These inputs are used for extended addressing capability.
The A0, A1, A2 pins should be hardwired to VCC or VSS.
When hardwired, up to eight PCA9554s may be addressed
on a single bus system. The levels on these inputs are
compared with corresponding bits, A2, A1, A0, from the
slave address byte.
I/O0 to I/O7: Input / Output Ports
Any of these pins may be configured as input or output.
The simplified schematic of I/O0 to I/O7 is shown in
Figure 5. When an I/O is configured as an input, the Q1 and
Q2 output transistors are off creating a high impedance input
with a weak pull−up resistor (typical 100 k
W). If the I/O pin
is configured as an output, the push−pull output stage is
enabled. Care should be taken if an external voltage is
applied to an I/O pin configured as an output due to the low
impedance paths that exist between the pin and either VCC
or VSS.
Figure 3. Minimum RP Value vs.
Supply Voltage
Figure 4. Maximum RP Value vs.
Bus Capacitance
VCC (V)
CBUS (pF)
4.8
4.4
4.0
3.6
3.2
2.8
2.4
2.0
0
0.5
1.0
1.5
2.0
2.5
400
350
300
200
150
100
50
0
0
1
2
3
4
6
7
8
5.2
5.6
IOL = 3 mA @ VOLmax
250
5
Fast Mode I2C Bus /
tr max − 300 ns
NOTE:
According to the Fast Mode I2C bus specification, for bus capacitance up to 200 pF, the pull up device can be a resistor. For bus
loads between 200 pF and 400 pF, the pull−up device can be a current source (Imax = 3 mA) or a switched resistor circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com