Electronic Components Datasheet Search
  English  ▼

X  

PCA9554 Datasheet(PDF) 10 Page - ON Semiconductor

Part # PCA9554
Description  8-bit I2C and SMBus I/O Port
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PCA9554 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button PCA9554 Datasheet HTML 3Page - ON Semiconductor PCA9554 Datasheet HTML 4Page - ON Semiconductor PCA9554 Datasheet HTML 5Page - ON Semiconductor PCA9554 Datasheet HTML 6Page - ON Semiconductor PCA9554 Datasheet HTML 7Page - ON Semiconductor PCA9554 Datasheet HTML 8Page - ON Semiconductor PCA9554 Datasheet HTML 9Page - ON Semiconductor PCA9554 Datasheet HTML 10Page - ON Semiconductor PCA9554 Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
PCA9554
www.onsemi.com
10
Power−On Reset Operation
When the power supply is applied to VCC pin, an internal
power−on reset pulse holds the PCA9554 in a reset state
until VCC reaches VPOR level. At this point, the reset
condition is released and the internal state machine and the
PCA9554’s registers are initialized to their default state.
12
34
5
6
7
8
9
SCL
SDA
READ FROM
PORT
DATA INTO
PORT
S
0100 A2
A0
1
A
A1
A
DATA 4
NA P
no acknowledge
from master
acknowledge
from master
acknowledge
from slave
slave address
data from port
start condition
stop
condition
DATA 2
DATA 3
DATA 4
DATA 1
data from port
DATA 1
DATA
S 0100 A2
A0 0
A
A1
0
1
0
0 A2 A1 A0
A
DATA
A
acknowledge from master
acknowledge from slave
slave address
slave address
data from register
COMMAND BYTE
AS
1
acknowledge from slave
acknowledge from slave
At this moment master−transmitter becomes
master−receiver and slave−receiver
becomes slave−transmitter
NA
no acknowledge
from master
data from register
P
last byte
first byte
Figure 11. Read from Register
Figure 12. Read Input Port Register
tIR
tIV
INT
tPH
R/W
tPS
R/W
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com