Electronic Components Datasheet Search
  English  ▼

X  

2SC5765 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SC5765
Description  MEDIUM POWER AMPLIFIER APPLICATIONS STOROBO FLASH APPLICATIONS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC5765 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SC5765 Datasheet HTML 1Page - Toshiba Semiconductor 2SC5765 Datasheet HTML 2Page - Toshiba Semiconductor 2SC5765 Datasheet HTML 3Page - Toshiba Semiconductor 2SC5765 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SC5765
2002-01-16
1
TOSHIBA Transistor Silicon NPN Epitaxial Planar Type
2SC5765
MEDIUM POWER AMPLIFIER APPLICATIONS
STOROBO FLASH APPLICATIONS
· Low Saturation Voltage: VCE (sat) (1) = 0.27 V (max.)
(IC = 3 A/IB = 60 mA)
Maximum Ratings (Ta
==== 25°C)
Characteristic
Symbol
Rating
Unit
Collector-Base voltage
VCBO
15
V
Collector-Emitter voltage
VCEO
10
V
Emitter-Base voltage
VEBO
7
V
DC
IC
5
Collector current
Pulsed
ICP
9
A
Collector power dissipation
PC (Note1)
550
mW
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
-55 to 150
°C
Note 1: When a device is mounted on a glass epoxy board
(35 mm
´ 30 mm ´ 1mm)
Electrical Characteristics (Ta
==== 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Collector cut-off current
ICBO
VCB = 15 V, IE = 0
¾
¾
0.1
mA
Emitter cut-off current
IEBO
VEB = 5 V, IC = 0
¾
¾
0.1
mA
Collector-Emitter breakdown voltage
V(BR)CEO
IC = 1 mA, IB = 0
10
¾
¾
V
hFE(1) (Note2) VCE = 1.5 V, IC = 0.5 A
450
¾
700
hFE(2) (Note2) VCE = 1.5 V, IC = 2 A
320
¾
¾
DC current gain
hFE(3) (Note2) VCE = 1.5 V, IC = 5 A
170
¾
¾
Collector-Emitter saturation voltage
VCE (sat)
(Note2)
IC = 3 A, IB = 60 mA
¾
¾
0.27
V
Collector-Output Capacitance
Cob
VCB = 10 V, IE = 0, f = 1 MHz
¾
25
¾
pF
Note 2: Pulse test
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
2-4E1A
Weight: 0.13 g


Similar Part No. - 2SC5765

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SC5765 UTC-2SC5765 Datasheet
184Kb / 3P
MEDIUM POWER AMPLIFIER STROBO FLASH
2SC5765G-T9S-K UTC-2SC5765G-T9S-K Datasheet
188Kb / 4P
MEDIUM POWER AMPLIFIER STROBO FLASH
2SC5765L-T9S-K UTC-2SC5765L-T9S-K Datasheet
188Kb / 4P
MEDIUM POWER AMPLIFIER STROBO FLASH
2SC5765 UTC-2SC5765_15 Datasheet
188Kb / 4P
MEDIUM POWER AMPLIFIER STROBO FLASH
More results

Similar Description - 2SC5765

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC2982 TOSHIBA-2SC2982 Datasheet
172Kb / 3P
TRANSISTOR (STOROBO FLASH, MEDIUM POWER AMPLIFIER APPLICATIONS)
27-Jun-1997
2SC3279 TOSHIBA-2SC3279 Datasheet
163Kb / 3P
NPN EPITAXIAL TYPE (STOROBO FLASH, MEDIUM POWER AMPLIFIER APPLICATIONS)
28-Nov-2000
2SC3420 TOSHIBA-2SC3420 Datasheet
152Kb / 2P
NPN EPITAXIAL TYPE (STOROBO FLASH, MEDIUM POWER AMPLIFIER APPLICATIONS)
2SC3670 TOSHIBA-2SC3670 Datasheet
156Kb / 2P
NPN EPITAXIAL TYPE (STOROBO FLASH, MEDIUM OWER AMPLIFIER APPLICATIONS)
2SC4781 TOSHIBA-2SC4781 Datasheet
92Kb / 1P
NPN EPITAXIAL TYPE (STOROBO FLASH, MEDIUM POWER AMPLIFIER APPLICATIONS)
20-Dec-1997
SC3279 TOSHIBA-SC3279 Datasheet
150Kb / 2P
NPN EPITAXIAL TYPE (STOROBO FLASH, MEDIUM POWER AMPLIFIER APPLICATIONS)
2SA1300 TOSHIBA-2SA1300_07 Datasheet
334Kb / 3P
Strobe Flash Applications Medium Power Amplifier Applications
2SA1242 TOSHIBA-2SA1242_10 Datasheet
161Kb / 4P
Strobe Flash Applications Medium Power Amplifier Applications
2SA1430 TOSHIBA-2SA1430_06 Datasheet
143Kb / 4P
Strobe Flash Applications Medium Power Amplifier Applications
2SC2982 TOSHIBA-2SC2982_04 Datasheet
150Kb / 4P
Storobo Flash Applications Medium Power Amplifier Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com