Electronic Components Datasheet Search
  English  ▼

X  

2SC5765 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SC5765
Description  MEDIUM POWER AMPLIFIER APPLICATIONS STOROBO FLASH APPLICATIONS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC5765 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SC5765 Datasheet HTML 1Page - Toshiba Semiconductor 2SC5765 Datasheet HTML 2Page - Toshiba Semiconductor 2SC5765 Datasheet HTML 3Page - Toshiba Semiconductor 2SC5765 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SC5765
2002-01-16
3
Pulse width tw (s)
rth – tw
1
0.001
0.01
0.1
1
10
100
1000
10
100
1000
When a device is mounted
on a Glass epoxy board
(35 mm
´ 30 mm ´ 1 mm)
Single pulse



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com