Electronic Components Datasheet Search
  English  ▼

X  

2SC5765 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # 2SC5765
Description  MEDIUM POWER AMPLIFIER APPLICATIONS STOROBO FLASH APPLICATIONS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC5765 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  2SC5765 Datasheet HTML 1Page - Toshiba Semiconductor 2SC5765 Datasheet HTML 2Page - Toshiba Semiconductor 2SC5765 Datasheet HTML 3Page - Toshiba Semiconductor 2SC5765 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SC5765
2002-01-16
2
Collector-Emitter voltage VCE (V)
IC – VCE
Base-Emitter voltage VBE (V)
IC – VBE
Ambient temperature Ta (
°C)
PC – Ta
Collector current IC (A)
VCE (sat) – IC
Collector current IC (A)
hFE – IC
0
0
0.5
1.0
1.5
2.0
1
2
3
4
5
IB = 0 mA
60
30
20
10
6
4
2
1
8
Common-Emitter
Ta
= 25°C
0.001
0.01
0.1
1
10
0.01
0.1
1
Ta
= 100°C
-25°C
25°C
Common-Emitter
IC/IB = 50
10
0.01
0.1
1
10
100
1000
10000
Common-Emitter
VCE = 1.5 V
Ta
= 100°C
25°C
-25°C
0
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1
2
3
4
5
Common-Emitter
VCE = 1.5 V
Ta
= 100°C
25°C
-25°C
Safe operating area
Collector-Emitter voltage VCE (V)
0
0
50
100
150
200
400
600
0.01
0.01
0.1
1
10
100
0.1
1
10
100
IC max (Pulsed)
IC max
(Continuous)
t
= 100 ms*
DC Operation
VCEO max
1 ms*
*:Single Nonrepetitive Pulse
Ta
= 25°C
Curves must be derated
linearly with increase in
temperature.
When a device is mounted
on a Glass epoxy board
(35 mm
´ 30 mm ´ 1 mm)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com