Electronic Components Datasheet Search
  English  ▼

X  

SDLW Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # SDLW
Description  0.8A, 200V - 1000V Surface Mount Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SDLW Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  SDLW Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SDLW Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SDLW Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SDLW Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd SDLW Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SDLW - SMLW
Taiwan Semiconductor
2
Version:A1706
THERMAL PERFORMANCE
PARAMETER
SYMBOL
LIMIT
UNIT
Junction-to-lead thermal resistance per diode
RӨJL
30
°C/W
Junction-to-ambient thermal resistance per diode
RӨJA
84
°C/W
Junction-to-case thermal resistance per diode
RӨJC
31
°C/W
Thermal Performance Note: Units mounted on recommended PCB (5mm x 5mm Cu pad test board)
ELECTRICAL SPECIFICATIONS (T
A = 25°C unless otherwise noted)
PARAMETER
CONDITIONS
SYMBOL
TYP
MAX
UNIT
Forward voltage per diode
(1)
IF = 0.4A, TJ = 25°C
VF
0.89
0.98
V
IF = 0.8A, TJ = 25°C
0.94
1.10
V
IF = 0.4A, TJ = 125°C
0.77
0.93
V
IF = 0.8A, TJ = 125°C
0.84
1.01
V
Reverse current @ rated VR per diode
(2)
TJ = 25°C
IR
-
1
µA
TJ = 125°C
-
150
µA
Junction capacitance
1 MHz, VR=4.0V
CJ
7
-
pF
Notes:
1. Pulse test with PW=0.3 ms
2. Pulse test with PW=30 ms
ORDERING INFORMATION
PART NO.
PART NO.
SUFFIX(*)
PACKING
CODE
PACKING CODE
SUFFIX
PACKAGE
PACKING
SxLW
(Note 1,2)
H
RV
G
SOD-123W
3,000 / 7" Reel
RQ
SOD-123W
10,000 / 13" Reel
Notes:
1. "x" defines voltage from 200V (SDLW) to 1000V (SMLW)
2. Whole series with green compound (halogen-free)
*: Optional available
EXAMPLE P/N
EXAMPLE P/N
PART NO.
PART NO.
SUFFIX
PACKING
CODE
PACKING CODE
SUFFIX
DESCRIPTION
SMLWHRVG
SMLW
H
RV
G
AEC-Q101 qualified
Green compound



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com