Electronic Components Datasheet Search
  English  ▼

X  

SDLW Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # SDLW
Description  0.8A, 200V - 1000V Surface Mount Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SDLW Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  SDLW Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SDLW Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SDLW Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SDLW Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd SDLW Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SDLW - SMLW
Taiwan Semiconductor
4
Version:A1706
PACKAGE OUTLINE DIMENSIONS
SOD-123W
SUGGESTED PAD LAYOUT
MARKING DIAGRAM
DIM.
Unit (mm)
Unit (inch)
Min
Max
Min
Max
B
1.70
1.90
0.067
0.075
C
2.60
2.90
0.102
0.114
D
0.10
0.22
0.004
0.009
E
0.90
1.02
0.035
0.040
F
0.90
1.05
0.035
0.041
G
3.60
3.80
0.142
0.150
H
0.50
0.85
0.020
0.033
I
0.00
0.10
0.000
0.004
Symbol
Unit (mm)
Unit (inch)
A
1.4
0.055
B
1.2
0.047
C
3.1
0.122
D
1.9
0.075
E
4.3
0.169
P/N
= Marking Code
YW
= Date Code
F
= Factory Code



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com