Electronic Components Datasheet Search
  English  ▼

X  

SDLW Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SDLW
Description  0.8A, 200V - 1000V Surface Mount Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SDLW Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SDLW Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SDLW Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SDLW Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SDLW Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd SDLW Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SDLW - SMLW
Taiwan Semiconductor
1
Version:A1706
0.8A, 200V - 1000V Surface Mount Rectifier
FEATURES
● Glass passivated junction chip
● Ideal for automated placement
● Compliant to RoHS Directive 2011/65/EU and in
accordance to WEEE 2002/96/EC
● Halogen-free according to IEC 61249-2-21
APPLICATIONS
● High frequency rectification
● Freewheeling application
● Switching mode converters and inverters in
computer,automotive and telecommunication.
MECHANICAL DATA
● Case: SOD-123W
● Molding compound meets UL 94V-0 flammability rating
● Part no. with suffix "H" means AEC-Q101 qualified
● Packing code with suffix "G" means green compound
(halogen-free)
● Moisture sensitivity level: level 1, per J-STD-020
● Terminal: Matte tin plated leads, solderable per J-STD-002
● Meet JESD 201 class 2 whisker test
● Polarity: As marked
● Weight: 16mg (approximately)
KEY PARAMETERS
PARAMETER
VALUE
UNIT
IF(AV)
0.8
A
VRRM
200 - 1000
V
IFSM
20
A
TJ MAX
150
°C
Package
SOD-123W
Configuration
Single die
SOD-123W
ABSOLUTE MAXIMUM RATINGS (T
A = 25°C unless otherwise noted)
PARAMETER
SYMBOL
SDLW
SGLW
SJLW
SKLW SMLW UNIT
Marking code on the device
DLW
GLW
JLW
KLW
MLW
Repetitive peak reverse voltage
VRRM
200
400
600
800
1000
V
Reverse voltage, total rms value
VR(RMS)
140
280
420
560
700
V
Forward current
IF(AV)
0.8
A
Surge peak forward current, 8.3 ms single half
sine-wave superimposed on rated load per diode
IFSM
20
A
Junction temperature
TJ
-55 to +150
°C
Storage temperature
TSTG
-55 to +150
°C


Similar Part No. - SDLW

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SDLWH TSC-SDLWH Datasheet
429Kb / 5P
0.8A, 200V - 1000V Standard Surface Mount Rectifier
More results

Similar Description - SDLW

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
S1DFS TSC-S1DFS Datasheet
314Kb / 5P
1A, 200V - 1000V Surface Mount Rectifier
S1DLS TSC-S1DLS Datasheet
419Kb / 6P
1.2A, 200V - 1000V Surface Mount Rectifier
ESDLW TSC-ESDLW Datasheet
354Kb / 7P
0.8A, 200V - 600V Surface Mount Super Fast Rectifier
SDLWH TSC-SDLWH Datasheet
429Kb / 5P
0.8A, 200V - 1000V Standard Surface Mount Rectifier
S3DB-K TSC-S3DB-K Datasheet
434Kb / 5P
3A, 200V - 1000V Standard Surface Mount Rectifier
S2D-T TSC-S2D-T Datasheet
426Kb / 5P
2A, 200V - 1000V Standard Surface Mount Rectifier
S2DFS TSC-S2DFS Datasheet
435Kb / 5P
2A, 200V - 1000V Standard Surface Mount Rectifier
S2DA-T TSC-S2DA-T Datasheet
424Kb / 5P
2A, 200V - 1000V Standard Surface Mount Rectifier
S2DALH TSC-S2DALH Datasheet
431Kb / 5P
2A, 200V - 1000V Standard Surface Mount Rectifier
S1DLSH TSC-S1DLSH Datasheet
442Kb / 5P
1.2A, 200V - 1000V Standard Surface Mount Rectifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com