Electronic Components Datasheet Search
  English  ▼

X  

ES1DV Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # ES1DV
Description  1A, 200V Surface Mount Ultra Fast Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

ES1DV Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  ES1DV Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd ES1DV Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd ES1DV Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd ES1DV Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PART NO.
*: Optional available
PART NO.
(TA=25°C unless otherwise noted)
Version: B1601
ES1DV
Taiwan Semiconductor
RATINGS AND CHARACTERISTICS CURVES
ORDERING INFORMATION
PART NO.
SUFFIX
PACKING
CODE
PACKING CODE
SUFFIX (*)
PACKAGE
PACKING
H
R3
G
SMA
1,800 / 7" Plastic reel
R2
SMA
7,500 / 13" Paper reel
M2
SMA
7,500 / 13" Plastic reel
F3
Folded SMA
1,800 / 7" Plastic reel
F2
Folded SMA
7,500 / 13" Paper reel
F4
Folded SMA
7,500 / 13" Plastic reel
EXAMPLE
EXAMPLE
PART NO.
PART NO.
SUFFIX
PACKING CODE
PACKING CODE
SUFFIX
DESCRIPTION
ES1DV
AEC-Q101 qualified
Green compound
ES1DVHR3G
ES1DV
H
R3
G
0
0.2
0.4
0.6
0.8
1
1.2
80
90
100
110
120
130
140
150
LEAD TEMPERATURE (°C)
FIG.1 MAXIMUM FORWARD CURRENT
DERATING CURVE
Resister or
inductive load
0
5
10
15
20
25
30
1
10
100
NUMBER OF CYCLES AT 60 Hz
FIG. 3 MAXIMUM NON-REPETITIVE FORWARD PEAK
SURGE CURRENT
8.3ms single half sine wave
0.01
0.1
1
10
100
0
204060
80
100
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
FIG. 4 TYPICAL REVERSE CHARACTERISTICS
TJ=125°C
TJ=25°C
0.1
1
10
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
FORWARD VOLTAGE (V)
FIG. 2 TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
Pulse width=300μs
1% duty cycle
TJ=125°C
TJ=25°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com