Electronic Components Datasheet Search
  English  ▼

X  

ES1DV Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # ES1DV
Description  1A, 200V Surface Mount Ultra Fast Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

ES1DV Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  ES1DV Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd ES1DV Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd ES1DV Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd ES1DV Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Min
Max
Min
Max
A
1.27
1.58
0.050
0.062
B
4.06
4.60
0.160
0.181
C
2.29
2.83
0.090
0.111
D
1.99
2.50
0.078
0.098
E
0.90
1.41
0.035
0.056
F
4.95
5.33
0.195
0.210
G
0.10
0.20
0.004
0.008
H
0.15
0.31
0.006
0.012
P/N =
Specific Device Code
G =
Green Compound
YW =
Date Code
F =
Factory Code
Version: B1601
ES1DV
Taiwan Semiconductor
PACKAGE OUTLINE DIMENSIONS
DIM.
Unit (mm)
Unit (inch)
DO-214AC (SMA)
SUGGESTED PAD LAYOUT
Symbol
Unit (mm)
A1.68
B1.52
Unit (inch)
0.066
0.060
0.155
0.095
0.215
MARKING DIAGRAM
C3.93
D2.41
E5.45
1
10
100
0.1
1
10
100
REVERSE VOLTAGE (V)
FIG. 5 TYPICAL JUNCTION CAPACITANCE
f=1.0MHz
Vsig=50mVp-p



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com