Electronic Components Datasheet Search
  English  ▼

X  

ES1LG Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # ES1LG
Description  1A, 200V - 600V Surface Mount Super Fast Rectifiers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

ES1LG Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  ES1LG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd ES1LG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd ES1LG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd ES1LG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd ES1LG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd ES1LG Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd ES1LG Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ES1LD - ES1LJ
Taiwan Semiconductor
3
Version:A1608
ORDERING INFORMATION
PART
NO.
PART NO.
SUFFIX
PACKING
CODE
PACKING CODE
SUFFIX *
PACKAGE
PACKING
ES1Lx
(Note 1)
H
R3
G
SMA
1,800 / 7" Plastic reel
R2
7,500 / 13" Paper reel
M2
7,500 / 13" Plastic reel
F3
Folded SMA
1,800 / 7" Plastic reel
F2
7,500 / 13" Paper reel
F4
7,500 / 13" Plastic reel
N/A
E3
Clip SMA
1,800 / 7" Plastic reel
7,500 / 13" Plastic reel
Note 1: "x" defines voltage from 200V (ES1LD) to 600V (ES1LJ)
*: G is optional available.
E
XAMPLE:
EXAMPLE P/N
PART NO.
PART NO.
SUFFIX
PACKING
CODE
PACKING CODE
SUFFIX
DESCRIPTION
ES1LDHR3G
ES1LD
H
R3
G
AEC-Q101 qualified
Green compound



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com