Electronic Components Datasheet Search
  English  ▼

X  

ES1LG Datasheet(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

Part # ES1LG
Description  1A, 200V - 600V Surface Mount Super Fast Rectifiers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

ES1LG Datasheet(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  ES1LG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd ES1LG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd ES1LG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd ES1LG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd ES1LG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd ES1LG Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd ES1LG Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
ES1LD - ES1LJ
Taiwan Semiconductor
5
Version:A1608
CHARACTERISTICS CURVES
(TA = 25°C unless otherwise noted)
TYPICAL REVERSE CHARACTERISTICS
TYPICAL FORWARD CHARACTERISTICS
TYPICAL REVERSE CHARACTERISTICS
TYPICAL FORWARD CHARACTERISTICS
0.001
0.01
0.1
1
10
10
20
30
40
50
60
70
80
90
100
T
J=25°C
T
J=125°C
ES1LG
0.1
1
10
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
Pulse width 300μs
1% duty cycle
T
J=25°C
T
J=125°C
ES1LG
0.001
0.01
0.1
1
10
10
20
30
40
50
60
70
80
90
100
T
J=25°C
T
J=125°C
ES1LJ
0.1
1
10
0.4
0.6
0.8
1
1.2
1.4
1.6
Pulse width 300μs
1% duty cycle
T
J=25°C
T
J=125°C
ES1LJ
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
FORWARD VOLTAGE (V)
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
FORWARD VOLTAGE (V)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com