Electronic Components Datasheet Search
  English  ▼

X  

ES1LG Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # ES1LG
Description  1A, 200V - 600V Surface Mount Super Fast Rectifiers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

ES1LG Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  ES1LG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd ES1LG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd ES1LG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd ES1LG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd ES1LG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd ES1LG Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd ES1LG Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ES1LD - ES1LJ
Taiwan Semiconductor
1
Version:A1608
1A, 200V - 600V Surface Mount Super Fast Rectifiers
FEATURES
● Glass passivated junction chip
● Ideal for automated placement
● Super fast recovery time for high efficiency
● Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
● Halogen-free according to IEC 61249-2-21
APPLICATIONS
● High frequency rectification
● Freewheeling application
● Switching mode converters and inverters in computer,
automotive and telecommunication.
MECHANICAL DATA
● Case: DO-214AC (SMA)
● Molding compound, UL flammability classification rating 94V-0
● Moisture sensitivity level: level 1, per J-STD-020
● Part No. with suffix "H" means AEC-Q101 qualified
● Packing code with suffix "G" means green compound (halogen-free)
● Terminal: Matte tin plated leads, solderable per J-STD-002
● Meet JESD 201 class 2 whisker test
● Polarity: Indicated by cathode band
● Weight: 0.06 g (approximately)
KEY PARAMETERS
PARAMETER
VALUE
UNIT
IF(AV)
1
A
VRRM
200-600
V
IFSM
30
A
VF at IF=1A
1.7
V
TJ MAX
150
°C
Package
DO-214AC (SMA)
Configuration
Single dice
BSOLUTE MAXIMUM RATINGS (T
A = 25°C unless otherwise noted)
PARAMETER
SYMBOL ES1LD
ES1LG
ES1LJ
UNIT
Marking code on the device
ES1LD
ES1LG
ES1LJ
Maximum repetitive peak reverse voltage
VRRM
200
400
600
V
Maximum RMS voltage
VRMS
140
280
420
V
Maximum DC blocking voltage
VDC
200
400
600
V
Maximum average forward rectified current
IF(AV)
1
A
Peak forward surge current, 8.3 ms single half sine-wave
superimposed on rated load
IFSM
30
A
Operating Junction and Storage Temperature Range
TJ, TSTG
- 55 to +150
°C
DO-214AC (SMA)


Similar Part No. - ES1LG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ES1 PHILIPS-ES1 Datasheet
59Kb / 12P
SMA ultra fast low-loss controlled avalanche rectifiers
2000 Feb 14
ES1 PHILIPS-ES1 Datasheet
52Kb / 8P
Ultra fast low-loss controlled avalanche rectifiers
2000 Feb 14
logo
Sanken electric
ES1 SANKEN-ES1 Datasheet
26Kb / 1P
Fast-Recovery Rectifier Diodes
ES1 SANKEN-ES1 Datasheet
26Kb / 1P
Fast-Recovery Rectifier Diodes
logo
Galaxy Semi-Conductor H...
ES1 BILIN-ES1 Datasheet
58Kb / 2P
FAST RECOVERY RECTIFIER
More results

Similar Description - ES1LG

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D1NL20U SHINDENGEN-D1NL20U Datasheet
385Kb / 6P
Super Fast Recovery Rectifiers(200V 1A)
logo
Taiwan Semiconductor Co...
ES1DFL TSC-ES1DFL Datasheet
362Kb / 4P
1A, 200V - 600V Surface Mount Super Fast Rectifiers
ES1DF TSC-ES1DF Datasheet
311Kb / 4P
1A, 200V - 600V Surface Mount Super Fast Rectifiers
ES1DLW TSC-ES1DLW Datasheet
202Kb / 4P
1A, 200V - 600V Surface Mount Super Fast Rectifiers
ES1D-T TSC-ES1D-T Datasheet
190Kb / 4P
1A, 200V - 600V Surface Mount Super Fast Rectifiers
ES2DF TSC-ES2DF Datasheet
362Kb / 4P
2A, 200V - 600V Surface Mount Super Fast Rectifiers
ES2D-T TSC-ES2D-T Datasheet
371Kb / 4P
2A, 200V - 600V Surface Mount Super Fast Rectifiers
logo
Taiwan Memory Technolog...
ES1A TMT-ES1A_16 Datasheet
366Kb / 4P
1A, 50V - 600V Surface Mount Super Fast Rectifiers
logo
Taiwan Semiconductor Co...
ESH1DM TSC-ESH1DM Datasheet
413Kb / 4P
1A, 200V - 600V Surface Mount Ultrafast Rectifiers
UF1DLW TSC-UF1DLW Datasheet
427Kb / 7P
1A, 200V - 600V Surface Mount Ultra Fast Rectifiers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com