Electronic Components Datasheet Search
  English  ▼

X  

LTC3776 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC3776
Description  Dual 2-Phase, No RSENSE Synchronous Controller for DDR/QDR Memory Termination
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3776 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC3776 Datasheet HTML 10Page - Linear Technology LTC3776 Datasheet HTML 11Page - Linear Technology LTC3776 Datasheet HTML 12Page - Linear Technology LTC3776 Datasheet HTML 13Page - Linear Technology LTC3776 Datasheet HTML 14Page - Linear Technology LTC3776 Datasheet HTML 15Page - Linear Technology LTC3776 Datasheet HTML 16Page - Linear Technology LTC3776 Datasheet HTML 17Page - Linear Technology LTC3776 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
14
LTC3776
3776f
The typical LTC3776 application circuit is shown in
Figure 11. External component selection for each of the
LTC3776’s controllers is driven by the load requirement
and begins with the selection of the inductor (L) and the
power MOSFETs (MP and MN).
Power MOSFET Selection
Each of the LTC3776’s two controllers requires two exter-
nal power MOSFETs: a P-channel MOSFET for the topside
(main) switch and an N-channel MOSFET for the bottom
(synchronous) switch. Important parameters for the power
MOSFETs are the breakdown voltage VBR(DSS) , threshold
voltage VGS(TH), on-resistance RDS(ON) , reverse transfer
capacitance CRSS, turn-off delay tD(OFF) and the total gate
charge QG.
The gate drive voltage is the input supply voltage. Since the
LTC3776 is designed for operation down to low input
voltages, a sublogic level MOSFET (RDS(ON) guaranteed at
VGS = 2.5V) is required for applications that work close to
this voltage. When these MOSFETs are used, make sure
that the input supply to the LTC3776 is less than the abso-
lute maximum MOSFET VGS rating, which is typically 8V.
The P-channel MOSFET’s on-resistance is chosen based
on the required load current. The maximum average
output load current IOUT(MAX) is equal to the peak inductor
current minus half the peak-to-peak ripple current IRIPPLE.
The LTC3776’s current comparator monitors the drain-to-
source voltage VDS of the P-channel MOSFET, which is
sensed between the SENSE+ and SW pins. The peak
inductor current is limited by the current threshold, set by
the voltage on the ITH pin of the current comparator. The
voltage on the ITH pin is internally clamped, which limits
the maximum current sense threshold ∆VSENSE(MAX).
The output current that the LTC3776 can provide is given
by:
I
V
R
I
OUT MAX
SENSE MAX
DS ON
RIPPLE
()
()
()
–
=
∆
2
A reasonable starting point is setting ripple current IRIPPLE
to be 40% of IOUT(MAX). Rearranging the above equation
yields:
R
V
I
DS ON MAX
SENSE MAX
OUT MAX
()(
)
()
()
•
=
∆
5
6
for Duty Cycle < 20%.
However, for operation above 20% duty cycle, slope
compensation has to be taken into consideration to select
the appropriate value of RDS(ON) to provide the required
amount of load current:
RSF
V
I
DS ON MAX
SENSE MAX
OUT MAX
()(
)
()
()
••
=
∆
5
6
where SF is a scale factor whose value is obtained from the
curve in Figure 2.
These must be further derated to take into account the
significant variation in on-resistance with temperature.
The following equation is a good guide for determining the
required RDS(ON)MAX at 25°C (manufacturer’s specifica-
tion), allowing some margin for variations in the LTC3776
and external component values:
RSF
V
I
DS ON MAX
SENSE MAX
OUT MAX
T
()(
)
()
()
•. •
•
•
=
∆
5
6
09
ρ
The ρT is a normalizing term accounting for the tempera-
ture variation in on-resistance, which is typically about
0.4%/°C, as shown in Figure 5. Junction to case tempera-
ture TJC is about 10°C in most applications. For a maxi-
mum ambient temperature of 70°C, using ρ80°C ~ 1.3 in
the above equation is a reasonable choice.
APPLICATIO S I FOR ATIO
INPUT VOLTAGE (V)
2
0
0.2
0.6
0.8
1.0
2.0
1.4
4
6
7
3776 F04
0.4
1.6
1.8
1.2
35
8
9
10
SINGLE PHASE
DUAL CONTROLLER
2-PHASE
DUAL CONTROLLER
VOUT1 = 2.5V/2A
VOUT2 = 1.8V/2A
Figure 4. RMS Input Current Comparison



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com