Electronic Components Datasheet Search
  English  ▼

X  

LTC3776 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3776
Description  Dual 2-Phase, No RSENSE Synchronous Controller for DDR/QDR Memory Termination
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3776 Datasheet(HTML) 4 Page - Linear Technology

  LTC3776 Datasheet HTML 1Page - Linear Technology LTC3776 Datasheet HTML 2Page - Linear Technology LTC3776 Datasheet HTML 3Page - Linear Technology LTC3776 Datasheet HTML 4Page - Linear Technology LTC3776 Datasheet HTML 5Page - Linear Technology LTC3776 Datasheet HTML 6Page - Linear Technology LTC3776 Datasheet HTML 7Page - Linear Technology LTC3776 Datasheet HTML 8Page - Linear Technology LTC3776 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
4
LTC3776
3776f
TYPICAL PERFOR A CE CHARACTERISTICS
Efficiency vs Load Current
Step from Sinking to Sourcing
Load Current (CH2)
Load Step (Load Connected
Between VOUT1 and VOUT2)
Tracking Start-Up with Internal
Soft-Start (CSS = 0µF)
Oscillator Frequency
vs Input Voltage
Tracking Start-Up with External
Soft-Start (CSS = 0.15µF)
TA = 25°C unless otherwise noted.
Maximum Current Sense Voltage
vs ITH1 Pin Voltage (CH1)
LOAD CURRENT (mA)
100
60
90
80
70
10
100
1000
10000
3776 G01
0
50
40
30
20
10
FIGURE 14 CIRCUIT
CHANNEL 2 (VIN = 3.3V)
CHANNEL 1 (VIN = 5V)
CHANNEL 1 (VIN = 3.3V)
CHANNEL 2 (VIN = 5V)
VIN = 3.3V
FIGURE 14 CIRCUIT
20µs/DIV
3776 G02
VOUT2
100mV/DIV
AC-COUPLED
LOAD CURRENT
500mA/DIV
VIN = 3.3V
FIGURE 14 CIRCUIT
VOUT1 SOURCING
VOUT2 SINKING
20µs/DIV
3776 G03
VOUT1
100mV/DIV
AC-COUPLED
VOUT2
100mV/DIV
AC-COUPLED
LOAD CURRENT
1A/DIV
VIN = 3.3V
FIGURE 14 CIRCUIT
4ms/DIV
3776 G05
VOUT1 =
2.5V
VOUT2 =
1.25V
500mV/DIV
INPUT VOLTAGE (V)
2
–5
–4
–2
–1
0
5
2
4
6
7
3736 G06
–3
3
4
1
35
8
9
10
ITH VOLTAGE (V)
0.5
–20
0
20
40
60
100
1
1.5
3776 G07
2
80
VIN = 3.3V
FIGURE 14 CIRCUIT
500µs/DIV
3776 G04
VOUT1 =
2.5V
VOUT2 =
1.25V
500mV/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com