Electronic Components Datasheet Search
  English  ▼

X  

LTC3776 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC3776
Description  Dual 2-Phase, No RSENSE Synchronous Controller for DDR/QDR Memory Termination
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3776 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC3776 Datasheet HTML 14Page - Linear Technology LTC3776 Datasheet HTML 15Page - Linear Technology LTC3776 Datasheet HTML 16Page - Linear Technology LTC3776 Datasheet HTML 17Page - Linear Technology LTC3776 Datasheet HTML 18Page - Linear Technology LTC3776 Datasheet HTML 19Page - Linear Technology LTC3776 Datasheet HTML 20Page - Linear Technology LTC3776 Datasheet HTML 21Page - Linear Technology LTC3776 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
18
LTC3776
3776f
During soft-start, the start-up of VOUT1 is controlled by
slowly ramping the positive reference to the error amplifier
from 0V to 0.6V, allowing VOUT1 to rise smoothly from 0V
to its final value. The default internal soft-start time is 1ms.
This can be increased by placing a capacitor between the
RUN/SS pin and SGND. In this case, the soft-start time will
be approximately:
tC
mV
A
SS
SS
1
600
07
=
µ
•
.
VREF Pin
The regulation of VOUT2 is controlled by the voltage on the
VREF pin. Normally this pin is used in DDR memory
termination applications so that VOUT2 tracks 1/2 VOUT1 as
shown in Figure 8.
APPLICATIO S I FOR ATIO
3.3V OR 5V
RUN/SS
RUN/SS
CSS
CSS
D1
3776 F07
Figure 7. RUN/SS Pin Interfacing
Channel 2’s output voltage is set to 1/2 VREF by connecting
the VFB2 pin to VOUT2. To improve the frequency response,
a feed-forward capacitor, CFF, may be used. Great care
should be taken to route the VFB line away from noise
sources, such as the inductor or the SW line.
LTC3776
VFB2
VFB1
VOUT1
VOUT2
RB
CFF
RA
3776 F06
Figure 6. Setting Output Voltage
Run/Soft Start Function
The RUN/SS pin is a dual purpose pin that provides the
optional external soft-start function and a means to shut
down the LTC3776.
Pulling the RUN/SS pin below 0.65V puts the LTC3776 into
a low quiescent current shutdown mode (IQ = 9µA). If
RUN/SS has been pulled all the way to ground, there will
be a delay before the LTC3776 comes out of shutdown and
is given by:
tV
C
A
sF C
DELAY
SS
SS
=
µ
=µ
065
07
093
.•
.
./
•
This pin can be driven directly from logic as shown in
Figure 7. Diode D1 in Figure 7 reduces the start delay but
allows CSS to ramp up slowly providing the soft-start
function. This diode (and capacitor) can be deleted if the
external soft-start is not needed.
LTC3776
VFB2
VOUT2
VOUT1
VFB1
VREF
3776 F08
R1B
R1A
Figure 8. Using the VREF Pin (VOUT2
is Regulated to 1/2 VREF = 1/2VOUT1)
Phase-Locked Loop and Frequency Synchronization
The LTC3776 has a phase-locked loop (PLL) comprised
of an internal voltage-controlled oscillator (VCO) and a
phase detector. This allows the turn-on of the external
P-channel MOSFET of controller 1 to be locked to the
rising edge of an external clock signal applied to the
SYNC/SSEN pin. The turn-on of controller 2’s external
P-channel MOSFET is thus 180 degrees out of phase with
the external clock. The phase detector is an edge sensitive
digital type that provides zero degrees phase shift
between the external and internal oscillators. This type of
phase detector does not exhibit false lock to harmonics of
the external clock.
The output of the phase detector is a pair of complemen-
tary current sources that charge or discharge the external
filter network connected to the PLLLPF pin. The relation-
ship between the voltage on the PLLLPF pin and operating



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com