Electronic Components Datasheet Search
  English  ▼

X  

AD5429 Datasheet(PDF) 19 Page - Analog Devices

Part # AD5429
Description  Multiplying DACs with Serial Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5429 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD5429 Datasheet HTML 15Page - Analog Devices AD5429 Datasheet HTML 16Page - Analog Devices AD5429 Datasheet HTML 17Page - Analog Devices AD5429 Datasheet HTML 18Page - Analog Devices AD5429 Datasheet HTML 19Page - Analog Devices AD5429 Datasheet HTML 20Page - Analog Devices AD5429 Datasheet HTML 21Page - Analog Devices AD5429 Datasheet HTML 22Page - Analog Devices AD5429 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
Data Sheet
AD5429/AD5439/AD5449
Rev. F | Page 19 of 28
REFERENCE SELECTION
When selecting a reference for use with the AD5429/AD5439/
AD5449 series of current output DACs, pay attention to the
reference output voltage temperature coefficient specification. This
parameter affects not only the full-scale error, but it can also affect
the linearity (INL and DNL) performance. The reference tempera-
ture coefficient should be consistent with the system accuracy
specifications. For example, an 8-bit system required to hold its
overall specification to within 1 LSB over the temperature range of
0°C to 50°C dictates that the maximum system drift with tempera-
ture should be less than 78 ppm/°C. A 12-bit system with the same
temperature range to overall specification within 2 LSBs requires a
maximum drift of 10 ppm/°C. By choosing a precision reference
with a low output temperature coefficient, this error source can be
minimized. Table 7 lists some references available from Analog
Devices, Inc., that are suitable for use with this range of current
output DACs.
AMPLIFIER SELECTION
The primary requirement for the current-steering mode is an
amplifier with low input bias currents and low input offset voltage.
Because of the code-dependent output resistance of the DAC, the
input offset voltage of an op amp is multiplied by the variable gain
of the circuit. A change in this noise gain between two adjacent
digital fractions produces a step change in the output voltage due to
the amplifier input offset voltage. This output voltage change is
superimposed on the desired change in output between the two
codes and gives rise to a differential linearity error, which, if
large enough, could cause the DAC to be nonmonotonic. The
input bias current of an op amp also generates an offset at the
voltage output as a result of the bias current flowing in the feedback
resistor, RFB. Most op amps have input bias currents low enough
to prevent significant errors in 12-bit applications.
Common-mode rejection of the op amp is important in voltage-
switching circuits because it produces a code-dependent error
at the voltage output of the circuit. Most op amps have adequate
common-mode rejection for use at 8-, 10-, and 12-bit resolution.
If the DAC switches are driven from true wideband low impedance
sources (VIN and AGND), they settle quickly. Consequently, the
slew rate and settling time of a voltage-switching DAC circuit
is determined largely by the output op amp. To obtain minimum
settling time in this configuration, minimize capacitance at the VREF
node (the voltage output node in this application) of the DAC by
using low input capacitance buffer amplifiers and careful board
design.
Most single-supply circuits include ground as part of the analog
signal range, which, in turn, requires an amplifier that can handle
rail-to-rail signals. Analog Devices offers a wide range of single-
supply amplifiers (see Table 8 and Table 9).
Table 7. Suitable Analog Devices Precision References
Part No.
OutputVoltage (V)
Initial Tolerance (%)
Temp Drift (ppm/°C)
ISS (mA)
Output Noise (µV p-p)
Package
ADR01
10
0.05
3
1
20
SOIC
ADR01
10
0.05
9
1
20
TSOT, SC70
ADR02
5
0.06
3
1
10
SOIC
ADR02
5
0.06
9
1
10
TSOT, SC70
ADR03
2.5
0.10
3
1
6
SOIC
ADR03
2.5
0.10
9
1
6
TSOT, SC70
ADR06
3
0.10
3
1
10
SOIC
ADR06
3
0.10
9
1
10
TSOT, SC70
ADR431
2.5
0.04
3
0.8
3.5
SOIC
ADR435
5
0.04
3
0.8
8
SOIC
ADR391
2.5
0.16
9
0.12
5
TSOT
ADR395
5
0.10
9
0.12
8
TSOT
Table 8. Suitable Analog Devices Precision Op Amps
Part No.
SupplyVoltage (V)
VOS (Max) (µV)
IB (Max) (nA)
0.1 Hz to 10 Hz Noise (µV p-p)
Supply Current (µA)
Package
OP97
±2 to ±20
25
0.1
0.5
600
SOIC
OP1177
±2.5 to ±15
60
2
0.4
500
MSOP, SOIC
AD8551
2.7 to 5
5
0.05
1
975
MSOP, SOIC
AD8603
1.8 to 6
50
0.001
2.3
50
TSOT
AD8628
2.7 to 6
5
0.1
0.5
850
TSOT, SOIC
Table 9. Suitable Analog Devices High Speed Op Amps
Part No.
Supply Voltage (V)
BW @ ACL (MHz)
Slew Rate (V/µs)
VOS (Max) (µV)
IB (Max) (nA)
Package
AD8065
5 to 24
145
180
1500
6000
SOIC, SOT-23, MSOP
AD8021
±2.5 to ±12
490
120
1000
10,500
SOIC, MSOP
AD8038
3 to 12
350
425
3000
750
SOIC, SC70
AD9631
±3 to ±6
320
1300
10,000
7000
SOIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com