Electronic Components Datasheet Search
  English  ▼

X  

UP9506 Datasheet(PDF) 39 Page - uPI Group Inc.

Part # UP9506
Description  Phase Driver Embedded PWM Controller
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP9506 Datasheet(HTML) 39 Page - uPI Group Inc.

Back Button UP9506 Datasheet HTML 35Page - uPI Group Inc. UP9506 Datasheet HTML 36Page - uPI Group Inc. UP9506 Datasheet HTML 37Page - uPI Group Inc. UP9506 Datasheet HTML 38Page - uPI Group Inc. UP9506 Datasheet HTML 39Page - uPI Group Inc. UP9506 Datasheet HTML 40Page - uPI Group Inc. UP9506 Datasheet HTML 41Page - uPI Group Inc. UP9506 Datasheet HTML 42Page - uPI Group Inc. UP9506 Datasheet HTML 43Page - uPI Group Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 49 page
background image
uP9506
39
uP9506-DS-F00A0, Jul. 2018
www.upi-semi.com
(Note 1)
Supply Input Voltage VCC to GND -------------------------------------------------------------------------------------------------- -0.3V to +6V
Supply Input Voltage PVCC to GND ----------------------------------------------------------------------------------------------- -0.3V to +15V
VINSEN ----------------------------------------------------------------------------------------------------------------------------------------- -0.3V to +30V
BOOTx to PHx ------------------------------------------------------------------------------------------------------------------------------ -0.3V to +15V
PHx to GND
DC ---------------------------------------------------------------------------------------------------------------------------------------- -0.7V to +15V
< 200ns ------------------------------------------------------------------------------------------------------------------------------- -8V to +30V
BOOTx to GND
DC --------------------------------------------------------------------------------------------------------------------------------- -0.3V to (PVCC+15V)
< 200ns -------------------------------------------------------------------------------------------------------------------------------- -0.3V to +42V
UGx to PHx
DC ---------------------------------------------------------------------------------------------------------------------- -0.3V to (BOOTx-PHx+0.3V)
< 200ns ------------------------------------------------------------------------------------------------------------------ -5V to (BOOTx-PHx+0.3V)
LGx to GND
DC --------------------------------------------------------------------------------------------------------------------------------- -0.3V to (PVCC+15V)
< 200ns -------------------------------------------------------------------------------------------------------------------------- -5V to (PVCC+0.3V)
Other Pins ------------------------------------------------------------------------------------------------------------------------------------- -0.3V to +6V
Storage Temperature Range ----------------------------------------------------------------------------------------------------------- -65OC to +150OC
Junction Temperature ------------------------------------------------------------------------------------------------------------------------------------ 150OC
Lead Temperature (Soldering, 10 sec) ------------------------------------------------------------------------------------------------------------ 260OC
ESD Rating (Note 2)
HBM (Human Body Mode) --------------------------------------------------------------------------------------------------------------------- 2kV
MM (Machine Mode) ----------------------------------------------------------------------------------------------------------------------------- 200V
Package Thermal Resistance (Note 3)
VQFN7x7 - 60L
θ
JA ------------------------------------------------------------------------------------------------------------------------ 31
OC/W
VQFN7x7 - 60L
θ
JC ------------------------------------------------------------------------------------------------------------------------- 2
OC/W
Power Dissipation, P
D @ TA = 25
OC
VQFN7x7 - 60L --------------------------------------------------------------------------------------------------------------------------------------- 3.23W
(Note 4)
Operating Junction Temperature Range ------------------------------------------------------------------------------------------- -40OC to +125OC
OperatingAmbient Temperature Range ------------------------------------------------------------------------------------------- -40OC to +85OC
Supply Input Voltage VCC --------------------------------------------------------------------------------------------------------------- 4.5V to 5.5V
Supply Input Voltage PVCC ----------------------------------------------------------------------------------------------------------- 10.8V to 13.2V
Absolute Maximum Rating
Thermal Information
Recommended Operation Conditions
Note 1. Stresses listed as the above Absolute Maximum Ratings may cause permanent damage to the device.
These are for stress ratings. Functional operation of the device at these or any other conditions beyond those
indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may remain possibility to affect device reliability.
Note 2. Devices are ESD sensitive. Handling precaution recommended.
Note 3.
θ
JA is measured in the natural convection at TA = 25
OC on a low effective thermal conductivity test board of
JEDEC 51-3 thermal measurement standard.
Note 4. The device is not guaranteed to function outside its operating conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com