Electronic Components Datasheet Search
  English  ▼

X  

UP9506 Datasheet(PDF) 40 Page - uPI Group Inc.

Part # UP9506
Description  Phase Driver Embedded PWM Controller
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP9506 Datasheet(HTML) 40 Page - uPI Group Inc.

Back Button UP9506 Datasheet HTML 36Page - uPI Group Inc. UP9506 Datasheet HTML 37Page - uPI Group Inc. UP9506 Datasheet HTML 38Page - uPI Group Inc. UP9506 Datasheet HTML 39Page - uPI Group Inc. UP9506 Datasheet HTML 40Page - uPI Group Inc. UP9506 Datasheet HTML 41Page - uPI Group Inc. UP9506 Datasheet HTML 42Page - uPI Group Inc. UP9506 Datasheet HTML 43Page - uPI Group Inc. UP9506 Datasheet HTML 44Page - uPI Group Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 49 page
background image
uP9506
40
uP9506-DS-F00A0, Jul. 2018
www.upi-semi.com
Electrical Characteristics
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
t
s
e
Tn
i
Mp
y
Tx
a
M
s
t
i
n
U
t
u
p
n
I
y
l
p
p
u
S
C
C
V
d
l
o
h
s
e
r
h
T
R
O
P
C
C
VR
O
P
C
C
V
g
n
i
s
i
r
C
C
V0
.
43
.
45
.
4V
s
i
s
e
r
e
t
s
y
H
R
O
P
C
C
VS
Y
H
R
O
P
C
C
V
-
-3
.
0-
-V
t
n
e
r
r
u
C
y
l
p
p
u
SI
C
C
V
,
V
0
=
D
I
V
T
G
c
c
V
d
n
a
e
r
o
c
V
,
V
5
=
N
E
g
n
i
h
c
t
i
w
s
o
n
M
W
P
-
-7
-
-A
m
t
n
e
r
r
u
C
n
w
o
d
t
u
h
SI
N
D
H
S
_
C
C
V
V
0
=
N
E-
-0
5-
-A
u
4
S
P
n
i
t
n
e
r
r
u
C
y
l
p
p
u
SI
4
S
P
_
C
C
V
e
t
a
t
s
4
S
P
,
V
5
=
N
E-
-0
5
1-
-A
u
t
u
p
n
I
y
l
p
p
u
S
C
C
V
P
d
l
o
h
s
e
r
h
T
R
O
P
C
C
V
PR
O
P
C
C
V
P
g
n
i
s
i
r
C
C
V
P-
-8
-
-V
s
i
s
e
r
e
t
s
y
H
R
O
P
C
C
V
PS
Y
H
R
O
P
C
C
V
P
-
-2
-
-V
t
n
e
r
r
u
C
y
l
p
p
u
SI
C
C
V
P
,
V
0
=
D
I
V
T
G
c
c
V
d
n
a
e
r
o
c
V
,
V
5
=
N
E
g
n
i
h
c
t
i
w
s
o
n
M
W
P
-
-0
5
2-
-A
u
t
n
e
r
r
u
C
n
w
o
d
t
u
h
SI
N
D
H
S
_
C
C
V
P
V
0
=
N
E-
--
-0
8A
u
r
e
i
f
i
l
p
m
A
r
o
r
r
E
e
g
a
t
l
o
V
t
e
s
f
f
OV
)
A
E
(
S
O
1
--
-1
V
m
e
c
n
a
t
c
u
d
n
o
C
-
s
n
a
r
TM
G-
-0
2
0
2-
-V
/
A
u
t
c
u
d
o
r
P
h
t
d
i
w
d
n
a
B
n
i
a
GG
)
A
E
(
W
B
n
g
i
s
e
D
y
b
d
e
e
t
n
a
r
a
u
G-
-0
1-
-z
H
M
y
c
a
r
u
c
c
A
e
g
a
t
l
o
V
C
A
D
y
c
a
r
u
c
c
A
e
g
a
t
l
o
V
C
A
DV
C
A
D
o
t
e
g
a
t
n
e
c
r
e
p
,
V
2
5
.
1
o
t
V
5
7
.
0
=
D
I
V
D
I
V
5
.
0
--
-5
.
0%
V
5
4
7
.
0
o
t
V
5
.
0
=
D
I
V8
--
-8
V
m
V
5
9
4
.
0
o
t
V
5
2
.
0
=
D
I
V0
1
--
-0
1V
m
e
t
a
R
w
e
l
S
t
s
a
F
e
t
a
R
w
e
l
St
s
a
F
_
R
St
s
a
F
_
D
I
V
t
e
S0
12
1-
-
/
V
m
s
u
w
o
l
S
e
t
a
R
w
e
l
Sw
o
l
S
_
R
S
=
h
A
2
x
0
r
e
t
s
i
g
e
r
D
I
V
S
,
w
o
l
S
_
D
I
V
t
e
S
1
0
56
-
-
/
V
m
s
u
(VCC = 5V, PVCC = 12V, T
A = 25
OC, unless otherwise specified)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com