Electronic Components Datasheet Search
  English  ▼

X  

UP9506 Datasheet(PDF) 13 Page - uPI Group Inc.

Part # UP9506
Description  Phase Driver Embedded PWM Controller
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP9506 Datasheet(HTML) 13 Page - uPI Group Inc.

Back Button UP9506 Datasheet HTML 9Page - uPI Group Inc. UP9506 Datasheet HTML 10Page - uPI Group Inc. UP9506 Datasheet HTML 11Page - uPI Group Inc. UP9506 Datasheet HTML 12Page - uPI Group Inc. UP9506 Datasheet HTML 13Page - uPI Group Inc. UP9506 Datasheet HTML 14Page - uPI Group Inc. UP9506 Datasheet HTML 15Page - uPI Group Inc. UP9506 Datasheet HTML 16Page - uPI Group Inc. UP9506 Datasheet HTML 17Page - uPI Group Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 49 page
background image
uP9506
13
uP9506-DS-F00A0, Jul. 2018
www.upi-semi.com
Functional Description
External MOSFET Driver Control
The DRCTRL pin is used for controlling the enable/disable
of external MOSFET drivers. Make sure to connect a 10k
Ω
resistor from this pin to GND and place this resistor close
to the controller. This resistor is used to generate the
reference current for thermal sense by TSENSE and
TSENSEA. Do not use any other resistance value. This
10k
Ω resistor must still be connected between DRCTRL to
ground even if external MOSFET driver is unused. Connect
this pin to a resistor R
ISO and then connect to the enable
control pin of the external MOSFET drivers as shown in
Figure 5. The recommended resistance value of R
ISO is
between 1k
Ω to 10kΩ. The DRCTRL is a noise sensitive
pin, therefore the PCB trace routing should be kept away
from other nets, especially the switching signals. It is
required to keep at least 20mil space to other nets.
10kohm
DRCTRL
RISO
To MOSFET
Driver Enable Pin
Noise sensitive. Keep trace
routing away from other nets.
Figure 5. DRCTRL Connection
PWM On Time Setting
The PWM on-time is set by an external resistor R
TON
connected between TONSET pin and GND. The controller
senses VINSEN voltage to obtain input voltage information
for PWM on-time calculation. Both the Vcore rail and VccGT
rail share the same PWM on-time setting. The PWM on-
time can be calculated as below equation.
100
)
(
×
×
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
=
TON
IN
OUT
ON
R
V
V
ns
T
Table 4 lists the switching frequency and the recommended
resistor R
TON value (with condition: VIN = 12V, VOUT = 1.2V).
For example, given V
IN = 12V, VOUT = 1.2V, RTON = 50kΩ,
T
ON is about 500ns by above equation. The PWM frequency
is about 200kHz. Note that the resistance value of R
TON
value must be greater than 10k
Ω to ensure the PWM on-
time calculation circuit in normal operation.
Table 4. Switching Frequency and Resistor RTON
y
c
n
e
u
q
e
r
F
g
n
i
h
c
t
i
w
S
)
z
H
k
(
r
o
t
s
i
s
e
R
d
e
d
n
e
m
m
o
c
e
R
R
N
O
T
k
(
Ω
Ω
Ω
Ω
Ω )
0
0
20
5
0
0
33
.
3
3
0
0
45
2
0
0
50
2
0
0
67
.
6
1
R
r
o
t
s
i
s
e
r
f
o
m
u
m
i
n
i
m
e
h
T
:
e
t
o
N
N
O
T
k
0
1
s
i
e
u
l
a
v
Ω.
Soft Start
The slew rate of output voltage during soft start operation
and dynamic VID voltage change is determined internally.
Place a MLCC C
DAC between DAC and FBRTN (DACA and
FBRTNA for VccGT). The recommended capacitance of C
DAC
is 10nF. The slew rate during soft start operation is always
slow for non-zero Vboot case. The slow slew rate is
determined by the processor in SVID register 2Ah. The
fast slew rate can be further programmed by SMBus register
0x1Ch.
Dynamic VID Change and Slew Rate
The controller accepts SetVID command via SVID bus for
output voltage change during normal operation. This allows
the output voltage to change while the DC/DC converter is
running and supplying current to the load. This is commonly
referred to as VID on-the-fly (VID OTF). A VID OTF event
may occur under either light or heavy load condition. This
voltage change direction can be upward or downward. Per
SetVID command, the slew rate can be fast or slow. The
slow slew rate is determined by the SVID register 2Ah,
which can only be programmed by the processor. The
default value of slow slew rate is 1/2 of fast slew rate. The
fast slew rate of Vcore and VccGT can be separately further
programmed by the controllers SMBus register 0x1Ch. The
fast slew rate can be set from 12mV/us to 33mV/us with a
total of 7 steps and 3mV/LSB resolution. The default value
of fast slew rate is 12mV/us.
Output Voltage Differential Sense
The uP9506 uses differential sense by a high-gain low-
offset error amplifier for output voltage differential sense as
shown in Figure 6. The CPU voltage is sensed by the FB
and FBRTN pins (FBA and FBRTNA for VccGT). FB pin is
connected to the positive remote sense pin VCC_SENSE
of the CPU via the resistor R
FB. FBRTN pin is connected to
the negative remote sense pin VSS_SENSE of CPU
directly. (VCCGT_SENSE and VSSGT_SENSE for
VccGT). The error amplifier compares the V
FB with VEAP (=
V
DAC - ICSN x RDRP) to regulate the output voltage.
Gm
RCOMP
SMBus
COMP
ICSN
FB
RFB
VCC_SENSE
Positive voltage remote
sense pin of CPU
CSP
CSN
EAP
DAC
RDRP
FBRTN
CDAC
VSS_SENSE
Negative voltage remote
sense pin of CPU
CCOMP
RCSN
CCSN
Reference
Voltage
Figure 6. Output Voltage Differential Sense
Total Load Current Sense
The uP9506 uses a low input offset current sense amplifier
(CSA) to sense the total load current flowing through
inductors for droop function by CSP and CSN (CSPA and
CSNA for VccGT) as shown in Figure 7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com