Electronic Components Datasheet Search
  English  ▼

X  

305C21 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 305C21
Description  PTCR Motor Start Packages PSC Single Phase Motor Start Assist
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

305C21 Datasheet(HTML) 1 Page - Vishay Siliconix

  305C21 Datasheet HTML 1Page - Vishay Siliconix 305C21 Datasheet HTML 2Page - Vishay Siliconix 305C21 Datasheet HTML 3Page - Vishay Siliconix 305C21 Datasheet HTML 4Page - Vishay Siliconix 305C21 Datasheet HTML 5Page - Vishay Siliconix 305C21 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.vishay.com
3
305C Series
Vishay Cera-Mite
ceramite.support@vishay.com
Document Number: 23086
Revision 14-May-02
• ECONOMICAL SOLID STATE TORQUE ASSIST FOR HEAT PUMPS, ROOM AIR, COMMERCIAL
AND RESIDENTIAL AIR CONDITIONING AND REFRIGERATION SYSTEMS
RELATIVE COMPARISON OF VARIOUS MOTOR STARTING METHODS
Table 1
Fig T-2
TYPICAL PTCR CHARACTERISTICS
AS A MOTOR START DEVICE
Fig T-3
MECHANICAL
ELECTRICAL
FINANCIAL
PANEL SENSITIVE TO ACCELERATION ACCELERATION
RESET
INVENTORY
STARTING
EASE OF
SPACE
MOUNTING
TORQUE
(SWITCH)
TIME
EMI/RFI
MIX
PURCHASED
METHOD
WIRING REQUIRED DIRECTION
PRODUCED
TIME
REQUIRED GENERATED TECHNOLOGY REQUIRED RELIABILITY
COST
PTCR Starter
Simple
Lowest
No
Lowest
Fixed
3 - 5
No
Solid State
Lowest
Highest
Lowest
2 Wire
Minutes
Start Cap with Moderate Medium
Yes
Medium
Fixed
2 - 5
No
Solid State
Medium
Medium
Medium
PTCR Acting as
2 or 3
Minutes
A Current Relay
Wire
Start Cap used Difficult
Highest
Yes
Highest
Variable
None
Yes
Electro
Highest
Lowest
Highest
With Potential or
4 or 5
Based on
Mechanical
Current Relay
Wire
Motor Speed
Positive Temperature Coefficient Resistors have been
used for many years in millions of HVAC applications to
provide starting torque assistance to Permanent Split
Capacitor (PSC) single phase compressor motors.
Sizes are available to cover the full range of 120/240 volt
PSC compressor motors.
Safety Agency Recognition
Vishay Cera-Mite motor start PTCRs are recognized by
Underwriter Laboratories file E97640 in accordance with
Standard for Thermistor Type Devices UL 1434; and Canadian
Standards C22.2 No. 0-1991.
Three methods have historically been employed to generate
starting torque for PSC motors. All are well-proven technolo-
gies and may be compared relative to one another based
upon categories shown below.
The importance of each category is dependent upon the
motor application and industry sector.
In general, if the PTCR starter produces sufficient starting
torque, it is considered the simplest and most economical
choice.
SIMPLIFIED PTCR STARTING DIAGRAM
Start Sequence. When starting the
compressor, contactor (M) closes;
the PTCR, which is at low resistance,
provides starting current to the motor’s
auxiliary winding. After time delay (t),
the current passing through the PTCR
causes it to heat and “switch” to a very
high resistance. At this point the motor is
up to speed and the run capacitor (CR)
determines the current in the auxiliary
winding. The PTCR remains hot
and at high resistance as long
as voltage remains on the circuit.
When contactor (M) opens, shutting
off
voltage
to
the
compressor,
the PTCR cools to its initial low
resistance and is again ready to provide
torque assist on the next startup.
Restart. It is important to provide
time between motor starts to allow
the PTCR to cool to near its initial
temperature. This time is usually
3 to 5 minutes and is determined by
the thermostat (THERM) or separate
time-delay relay (TR). Attempts to
restart in less time may be successful
depending on compressor equaliza-
tion, line voltage, temperature, and
other conditions. If the motor were to
stall in a locked-rotor state, overload
device (PD or TS) would open the
line and a further time delay would
occur until the motor overload is
reset. Motor start PTCRs are applied
to compressors having means to
equalize pressure during shutdown.
PTCR Motor Start Packages
PSC Single Phase Motor Start Assist
20.0
PD
CR
MAIN
PTCR
PSC
MOTOR
AUX.
TS
Internal
Motor
Winding
Overtemp.
Switch
Protective
Device
Optional OFF
Time Delay
Relay
TR
M
Protective
Device
L 2
M
M
AC Line
120 or 240
VOLTS AC
THERM
TR
L1
Low Voltage Control Transformers Not Shown
M
PTCR Temperature °C
RESISTANCE
CURRENT
Switch Time (t)
PTCR
Current
(Amperes)
20.0
0.02
50
100
150
1,000
10,000
10
100


Similar Part No. - 305C21

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
305 FILTRONIC-305 Datasheet
380Kb / 2P
SINGLE CHANNEL COAXIAL, N & TNC CONNECTORS
logo
Littelfuse
305 LITTELFUSE-305 Datasheet
728Kb / 2P
PICO 305 Series Fuses - 277V UL913 Intrinsically Safe Fuse
logo
EDAC, All Rights Reserv...
305 EDAC-305 Datasheet
278Kb / 3P
Card Edge Connectors 0.156” (3.96mm) Pitch
logo
Morse Mfg. Co., Inc.
305 MORSE-305 Datasheet
648Kb / 3P
305 Series Can Tumblers
4 Jan, 2023
logo
PANAVISE PRODUCTS, INC.
305 PANAVISE-305 Datasheet
1Mb / 8P
Precision Vise Combinations
More results

Similar Description - 305C21

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
307C1674 VISHAY-307C1674 Datasheet
271Kb / 1P
PTCR Motor Start Pellets
14-May-02
logo
NTE Electronics
MSC125V21 NTE-MSC125V21 Datasheet
22Kb / 3P
MOTOR START AC ELECTROLYTIC
logo
Hongfa Technology
HF8565 HONGFA-HF8565 Datasheet
135Kb / 4P
MOTOR START POTENTIAL RELAY
logo
American Zettler, Inc.
ZCPR AZETTLER-ZCPR Datasheet
463Kb / 4P
MOTOR START POTENTIAL RELAY
logo
NTE Electronics
MSC125V21 NTE-MSC125V21_12 Datasheet
2Mb / 3P
MOTOR START AC ELECTROLYTIC
MSCH-01 NTE-MSCH-01 Datasheet
561Kb / 1P
MOTOR START HARDWARE
logo
Hongfa Technology
HF8565 HONGFA-HF8565_15 Datasheet
113Kb / 4P
MOTOR START POTENTIAL RELAY
logo
Vishay Siliconix
PTC305C VISHAY-PTC305C Datasheet
169Kb / 8P
Thermistors Motor Start Packages
11-Sep-15
PTC307C VISHAY-PTC307C Datasheet
428Kb / 3P
Thermistors Motor Start Pellets
11-Aug-10
PTC305C VISHAY-PTC305C_V01 Datasheet
168Kb / 8P
PTC Thermistors Motor Start Packages
11-Sep-15
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com