Electronic Components Datasheet Search
  English  ▼

X  

305C21 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 305C21
Description  PTCR Motor Start Packages PSC Single Phase Motor Start Assist
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

305C21 Datasheet(HTML) 3 Page - Vishay Siliconix

  305C21 Datasheet HTML 1Page - Vishay Siliconix 305C21 Datasheet HTML 2Page - Vishay Siliconix 305C21 Datasheet HTML 3Page - Vishay Siliconix 305C21 Datasheet HTML 4Page - Vishay Siliconix 305C21 Datasheet HTML 5Page - Vishay Siliconix 305C21 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
www.vishay.com
5
305C Series
Vishay Cera-Mite
ceramite.support@vishay.com
Document Number: 23086
Revision 14-May-02
START CAPACITOR
PTCR VALUE
50 microfarads
50 ohms
75 microfarads
37.5 ohms
100 microfarads
25 ohms
125 microfarads
20 ohms
200 microfarads
12.5 ohms
250 microfarads
10 ohms
EFFECT OF PTC RESISTANCE ON STARTING TORQUE OF PSC MOTORS
A. Rated torque is the torque at full speed rated load.
It is calculated as:
HP x 5250
Torque (lb - ft) =
RPM
The range shown includes both normal slip and high
efficiency low slip motors. Starting torque varies as:
(Line Voltage)2 .
B. Figure T- 4 shows effect of using PTCR to increase
starting torque. For reciprocating compressors, it is
advised to choose a resistance value that gives at least
50% rated torque at locked rotor. Scroll and rotary
compressors may require less torque.
Fig T-7
Table 2
Table 3
LOCKED ROTOR
STARTING TORQUE WITH RUN CAP
TORQUE WITH RUN
AND PTCR (% RATED TORQUE) (SEE B)
MOTOR HP
CAP ONLY
RESISTANCE (Rdyn)
(TABLE 4) % RATED TORQUE
(NOTE 7)
(SEE A)
50 ohm
25 ohm
20 ohm 12.5 ohm 10 ohm
0.5
25% to 35% 70 - 100% 80 - 100%
NA
NA
NA
1
25% to 35%
50 - 70% 70 - 100%
NA
NA
NA
2
20% to 30%
40 - 60% 60 - 90% 70 - 100% 70 - 100% 80 - 100%
3.5
20% to 30%
NA
40 - 60% 50 - 85% 60 - 90% 70 - 100%
5
15% to 25%
NA
NA
40 - 60% 50 - 75% 60 - 90%
6.5
15% to 25%
NA
NA
NA
40 - 70% 50 - 80%
1
Xc=
2
πfC
PTCR Motor Start Packages
TYPICAL PTCR CURRENT VS. TIME SHOWING DEFINITION OF RDYN AND SWITCH TIME (T)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
Applied Voltage (ERMS)
I PTCR at .05 Sec
R
DYN =
Peak
Current
20% Peak
Current
Time to Switch (Seconds)
Motor
Contactor
Closes
PTCR Switchout
Switch Time (t)
OSCILLOSCOPE
SHUNT
I
PTCR
E
RMS
PTCR
RDYN
Time (t)
≈ KM (130°C - T
0)
V
2
PTCR
M = PTCR mass
T0 = PTCR temp at time 0
K = 0.75 J/g/ °C
START CAPACITOR REPLACEMENT
Capacitor Starting Comparison
Some PSC motors have historically been started with a
capacitor and relay. To deliver the same starting current as
a start capacitor, a PTCR resistance is available for approxi-
mately equal ohms. Table 3 can be used for conversion.
Even though the start current may be the same, the start
torques may differ depending on the motor design. The PTCR
has a fixed time built in. The start capacitor will
stay in the circuit until a relay switches it out. The
longer time provided by the capacitor and relay may
be needed on applications where equalization is
not present or adequate reset time is not available.
STARTING CURRENT APPROXIMATION
BASED ON



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com